Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P596 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # P596
Description  Inductors Designed for National?셲 50 kHz Simple Switcher
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P596 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  P596 Datasheet HTML 1Page - Pulse A Technitrol Company P596 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P596.F (02/16)
2
pulseelectronics.com
Inductors Designed for National’s 50 kHz
Simple Switcher™
Power Beads - PA3790.XXXHL Series
Pulse Jack
E l e c t r o n i c s
Low Profile Series
Case Series
KlipMount Series
Mechanicals
Schematics
.460 MAX
11,68
.150 ±.020
3,81 0,51
.600 ±.010
15,24 0,25
.710 MAX
18,03
.400 ±.010
10,16 0,25
.710 MAX
18,03
INDEX MARK
PE-XXXXXNL
DATE CODE
COUNTRY OF ORIGIN
.600
15,24
.400
10,16
.070
1,78
.045
1,14
SUGGESTED PAD LAYOUT
2
1
1
.600
15,24
1
2
3
.800 MAX
20,32
.900
22,86
1.44 MAX
36,57
PE-53121/2
DATE CODE
COUNTRY OF ORIGIN
.020
5,08
1.44 MAX
36,57
.900
22,86
.600
15,24
.095
2,41
.055
1,40
1
2
3
SUGGESTED PAD
LAYOUT
No Internal
Connections
NL
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzhen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2016. Pulse Electronics, Inc. All rights reserved.
PAD DIA.
HOLE DIA.
NL
PKG
A
B
C
D
E
KM-2.0
.450
.650
.700
.325
.150
11,43
16,51
17,78
8,26
3,81
KM-3.0
.450
.830
.950
.415
.150
11,43
21,08
24,13
10,54
3,81
KM-4.0
.610
.970
1.10
.475
.225
15,50
24,64
27,94
12,07
5,72
KM-5.0
.700
1.30
1.40
.625
.250
17,78
33,02
35,56
15,88
6,35
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
LEAD DIA.
HOLE DIA.
PAD DIA.
.025
.035
.060
.025 SQ.
.048
.074
.032
.045
.070
.040
.056
.080



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com