Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXS161 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # EXS161
Description  Available in various standard connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

EXS161 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  EXS161 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
•
Injection molded 1/4 wave helical ‘slim mini’
antenna
•
High durability, high efficiency
•
Textured finish with strain-relief base
•
Available in various standard connectors
•
An original ‘Tuf Duck’ antenna
ANT-DS-EXS 1216
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials
rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability or
suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind.
All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request.
© Copyright 2016 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of
Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird
Technologies or any third party intellectual property rights.
EXS
Two-Way Radio Antenna
FREQUENCIES AND CONNECTORS
PART#
FREQUENCY BAND
CONNECTORS
AVERAGE LENGTH
EXS118
118-127 MHz
BNX, MX, & SMV
5.1”
EXS127
127-136 MHz
BNX, MX, & SMV
3.62” - 4.4”
EXS136
136-144 MHz
BNX, MX, MXI, SMI, & SMV
3.62” - 4.4”
EXS144
144-148 MHz
BNX, MX, & SMV
3.55” - 4.45”
EXS150
150-162 MHz
BNX, MX, MXI, SMI, & SMV
3.5” - 4.39”
EXS155
155-164 MHz
BNX, MX, & SMV
3.45” - 4.2”
EXS161
161-174 MHz
MXI & SMI
3.5”
EXS164
164-174 MHz
BNX, MX, & SMV
3.3” - 3.95”
EXP902
806-866 MHz
SF & TN
-
The EXS model antenna is available in the following frequencies and connectors. Order by antenna model, frequency
and connector. For example: EXS150MX. Length of each antenna will vary according to the connector chosen.
PARAMETER
SPECIFICATION
Frequency
VHF Trunking / Cellular
Polarization
Vertical
Nominal Impedance
50 ohms
VSWR
1.5:1 max at resonance
Power Rating
50 watts
Temperature Range
-40°C to +85°C
Drop Test
1M
Americas: +1.847 839.6925
IAS-AmericasSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia:
IAS-AsiaSales@lairdtech.com
Middle East & Affrica: +44.1628.858941
IAS-MEASales@lairdtech.com
www.lairdtech.com


Similar Part No. - EXS161

ManufacturerPart #DatasheetDescription
logo
SICK AG
EXS-06D6203B020 SICK-EXS-06D6203B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
EXS-09D6403B020 SICK-EXS-09D6403B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
EXS-12D6603B020 SICK-EXS-12D6603B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
EXS-12D6803B020 SICK-EXS-12D6803B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
logo
NIHON DEMPA KOGYO
EXS00A-CS04992 NDK-EXS00A-CS04992 Datasheet
132Kb / 1P
Specification of Quartz Crystal Units
Feb.17.2012
More results

Similar Description - EXS161

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
family is available in industry standard package and specifications
20-11-2012
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
available in industry standard package & specifications
29/06/11
logo
Vishay Siliconix
NTHS0805N06N2001JE VISHAY-NTHS0805N06N2001JE Datasheet
95Kb / 4P
Extended resistance values available in standard sizes
25-Jan-12
logo
TT Electronics.
PFC-HT TTELEC-PFC-HT Datasheet
668Kb / 2P
Available in industry standard 0603
logo
Kingbright Corporation
APHB1608CGKSYKC KINGBRIGHT-APHB1608CGKSYKC Datasheet
302Kb / 6P
Available in various color combination
logo
Laird Tech Smart Techno...
EXC LSTD-EXC Datasheet
616Kb / 1P
Available in various standard connectors
logo
List of Unclassifed Man...
C30617 ETC2-C30617 Datasheet
647Kb / 7P
Available in various packages
logo
WALSIN TECHNOLOGY CORPO...
SG31B104K500CT WALSIN-SG31B104K500CT Datasheet
3Mb / 16P
Available for any item in standard series range
logo
Schneider Electric
84CF SCHNEIDER-84CF Datasheet
123Kb / 1P
Multivariable Vortex flowmeter available with various connections, LCD indicator
Apr 26, 2022
logo
C&K Components
CCM01-6101 CK-COMPONENTS-CCM01-6101 Datasheet
168Kb / 3P
Available in standard or reverse card
2008
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com