Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6682 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6682
Description  190MHz Single Supply, Dual and Triple Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6682 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6682 Datasheet HTML 1Page - National Semiconductor (TI) LMH6682 Datasheet HTML 2Page - National Semiconductor (TI) LMH6682 Datasheet HTML 3Page - National Semiconductor (TI) LMH6682 Datasheet HTML 4Page - National Semiconductor (TI) LMH6682 Datasheet HTML 5Page - National Semiconductor (TI) LMH6682 Datasheet HTML 6Page - National Semiconductor (TI) LMH6682 Datasheet HTML 7Page - National Semiconductor (TI) LMH6682 Datasheet HTML 8Page - National Semiconductor (TI) LMH6682 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
Human Body Model
2KV(Note 2)
Machine Model
200V (Note 3)
V
IN Differential
±2.5V
Output Short Circuit Duration
(Note 4), (Note 6)
Input Current
±10mA
Supply Voltage (V
+ -V−)
12.6V
Voltage at Input/Output pins
V
+ +0.8V, V− −0.8V
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 7)
+150˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ –V−)
3Vto12V
Operating Temperature Range
(Note 7)
−40˚C to +85˚C
Package Thermal Resistance (Note 7)
SOIC-8
190˚C/W
MSOP-8
235˚C/W
SOIC-14
145˚C/W
TSSOP-14
155˚C/W
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V− = 0V, V
O =VCM =V
+/2, and R
L = 100
Ω to V+/2,
R
F = 510
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
SSBW
−3dB BW
A = +2, V
OUT = 200mVPP
140
180
MHz
A = −1, V
OUT = 200mVPP
180
GFP
Gain Flatness Peaking
A = +2, V
OUT = 200mVPP
DC to 100MHz
2.1
dB
GFR
Gain Flatness Rolloff
A = +2, V
OUT = 200mVPP
DC to 100MHz
0.1
dB
LPD 1˚
1˚ Linear Phase Deviation
A = +2, V
OUT = 200mVPP, ±1˚
40
MHz
GF
0.1dB
0.1dB Gain Flatness
A = +2, ±0.1dB, V
OUT = 200mVPP
25
MHz
FPBW
Full Power −1dB Bandwidth
A = +2, V
OUT =2VPP
110
MHz
DG
Differential Gain
NTSC 3.58MHz
A = +2, R
L = 150
Ω to V+/2
Pos video only V
CM =2V
0.03
%
DP
Differential Phase
NTSC 3.58MHz
A = +2, R
L = 150
Ω to V+/2
Pos video only V
CM =2V
0.05
deg
Time Domain Response
T
r/Tf
Rise and Fall Time
20-80%, V
O =1VPP,AV = +2
2.1
ns
20-80%, V
O =1VPP,AV =−1
2
OS
Overshoot
A = +2, V
O = 100mVPP
22
%
T
s
Settling Time
V
O =2VPP, ±0.1%, AV =+2
49
ns
SR
Slew Rate (Note 11)
A = +2, V
OUT =3VPP
520
V/µs
A = −1, V
OUT =3VPP
500
Distortion and Noise Response
HD2
2
nd Harmonic Distortion
f = 5MHz, V
O =2VPP, A = +2, RL =
2k
Ω
−60
dBc
f = 5MHz, V
O =2VPP, A = +2, RL =
100
Ω
−61
HD3
3
rd Harmonic Distortion
f = 5MHz, V
O =2VPP, A = +2, RL =
2k
Ω
−77
dBc
f = 5MHz, V
O =2VPP, A = +2, RL =
100
Ω
−54
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com