Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6643MA Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MA
Description  3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MA Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6643MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 3V, V− = 0V, V
CM =VO =V
+/2, and R
L =2k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 50dB
−0.5
−0.2
−0.1
V
1.8
1.6
2.0
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from 0V to 1.5V
72
95
dB
A
VOL
Large Signal Voltage Gain
V
O = 0.5V to 2.5V
R
L =2k
Ω to V+/2
80
75
96
dB
V
O = 0.5V to 2.5V
R
L = 150
Ω to V+/2
74
70
82
V
O
Output Swing
High
R
L =2k
Ω to V+/2, V
ID = 200mV
2.90
2.98
V
R
L = 150
Ω to V+/2, V
ID = 200mV
2.80
2.93
Output Swing
Low
R
L =2k
Ω to V+/2, V
ID = −200mV
25
75
mV
R
L = 150
Ω to V+/2, V
ID = −200mV
75
150
I
SC
Output Short Circuit Current
Sourcing to V
+/2
V
ID = 200mV (Note 10)
50
35
95
mA
Sinking to V
+/2
V
ID = −200mV (Note 10)
55
40
110
I
OUT
Output Current
V
OUT = 0.5V from either supply
±65
mA
+PSRR
Positive Power Supply
Rejection Ratio
V
+ = 3.0V to 3.5V, V
CM = 1.5V
75
85
dB
I
S
Supply Current (per channel)
No Load
2.70
4.00
4.50
mA
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM =VO =V
+/2, and R
L =2k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
BW
−3dB BW
A
V = +1, VOUT = 200mVPP
90
120
MHz
A
V = +2, −1, VOUT = 200mVPP
46
BW
0.1dB
0.1dB Gain Flatness
A
V = +2, RL = 150
Ω to V+/2,
R
f = 402
Ω,V
OUT = 200mVPP
15
MHz
PBW
Full Power Bandwidth
A
V = +1, −1dB, VOUT =2VPP
22
MHz
e
n
Input-Referred Voltage Noise
f = 100kHz
17
nV/
f = 1kHz
48
i
n
Input-Referred Current Noise
f = 100kHz
0.90
pA/
f = 1kHz
3.3
THD
Total Harmonic Distortion
f = 5MHz, V
O =2VPP,AV = +2
−60
dBc
DG
Differential Gain
NTSC, A
V =+2
R
L =150
Ω to V+/2
0.16
%
R
L =1k
Ω to V+/2
0.05
DP
Differential Phase
NTSC, A
V =+2
R
L =150
Ω to V+/2
0.05
deg
R
L =1k
Ω to V+/2
0.01
CT Rej.
Cross-Talk Rejection
f = 5MHz, Receiver:
R
f =Rg = 510
Ω,A
V =+2
47
dB
T
S
Settling Time
V
O =2VPP, ±0.1%, 8pF Load
68
ns
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com