Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6702 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6702
Description  Ultra Low Distortion, Wideband Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6702 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6702 Datasheet HTML 1Page - National Semiconductor (TI) LMH6702 Datasheet HTML 2Page - National Semiconductor (TI) LMH6702 Datasheet HTML 3Page - National Semiconductor (TI) LMH6702 Datasheet HTML 4Page - National Semiconductor (TI) LMH6702 Datasheet HTML 5Page - National Semiconductor (TI) LMH6702 Datasheet HTML 6Page - National Semiconductor (TI) LMH6702 Datasheet HTML 7Page - National Semiconductor (TI) LMH6702 Datasheet HTML 8Page - National Semiconductor (TI) LMH6702 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
S
±6.75V
I
OUT
(Note 3)
Common Mode Input Voltage
V
− to V+
Maximum Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C
ESD Tolerance (Note 4)
Human Body Model
2000V
Machine Model
200V
Storage Temperature Range
−65˚C to +150˚C
Operating Ratings (Note 1)
Thermal Resistance
Package
(
θ
JC)(
θ
JA)
8-Pin SOIC
75˚C/W
160˚C/W
5-Pin SOT23
120˚C/W
187˚C/W
Operating Temperature
−40˚C to +85˚C
Nominal Supply Voltage
±5V to ±6V
Electrical Characteristics (Note 2)
A
V = +2, VS = ±5V, RL = 100
Ω,R
F = 237
Ω; unless specified
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
Frequency Domain Performance
SSBW
LG
-3dB Bandwidth
V
OUT =2VPP
720
MHz
LSBW
LG
V
OUT =4VPP
480
SSBW
HG
V
OUT =2VPP,AV = +10
140
GF
0.1dB
0.1dB Gain Flatness
V
OUT =2VPP
120
MHz
LPD
Linear Phase Deviation
DC to 100MHz
0.09
deg
DG
Differential Gain
R
L =150
Ω, 3.58MHz/4.43MHz
0.024/0.021
%
DP
Differential Phase
R
L = 150
Ω, 3.58MHz/4.43MHz
0.004/0.007
deg
Time Domain Response
TRS/TRL
Rise and Fall Time
2V Step
0.87/0.77
ns
6V Step
1.70/1.70
ns
OS
Overshoot
2V Step
0
%
SR
Slew Rate
6V
PP, 40% to 60% (Note 5)
3100
V/µs
T
s
Settling Time to 0.1%
2V Step
13.4
ns
Distortion And Noise Response
HD2L
2
nd Harmonic Distortion
2V
PP, 5MHz (Note 9)
(SOT23-5/SOIC)
−100/ −87
dBc
HD2
2V
PP, 20MHz (Note 9)
(SOT23-5/SOIC)
−79/ −72
dBc
HD2H
2V
PP, 60MHz (Note 9)
(SOT23-5/SOIC)
−63/ −64
dBc
HD3L
3
rd Harmonic Distortion
2V
PP, 5MHz (Note 9)
(SOT23-5/SOIC)
−96/ −98
dBc
HD3
2V
PP, 20MHz (Note 9)
(SOT23-5/SOIC)
−88/ −82
dBc
HD3H
2V
PP, 60MHz (Note 9)
(SOT23-5/SOIC)
−70/ −65
dBc
OIM3
IMD
75MHz, P
O = 10dBm/ tone
−67
dBc
V
N
Input Referred Voltage Noise
>1MHz
1.83
nV/
I
N
Input Referred Inverting Noise
Current
>1MHz
18.5
pA/
I
NN
Input Referred Non-Inverting
Noise Current
>1MHz
3.0
pA/
SNF
Total Input Noise Floor
>1MHz
−158
dBm
1Hz
INV
Total Integrated Input Noise
1MHz to 150MHz
35
µV
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com