Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5201 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5201
Description  Excellent Linearity
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5201 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-5201 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Absolute Maximum Ratings
No damage assuming only one parameter is set at limit at a time with all other parameters set at or below nominal value.
Operation of any single parameter outside these conditions with the remaining parameters set at or below nominal
values may result in permanent damage.
Description
Min.
Typ.
Max.
Unit
RF Input Power (Pin)
5
dBm
RF Output Power (Pout)
High power mode
Mid power mode
Bypass mode
29
19
13
dBm
DC Supply Voltage (Vcc1, Vcc2)
0
3.4
5.0
V
Enable Voltage (Ven)
0
2.6
3.3
V
Mode Control Voltage (Vmode)
0
2.6
3.3
V
Bypass Control (Vbp)
0
2.6
3.3
V
Storage Temperature (Tstg)
-55
25
+125
°C
Recommended Operating Condition
Description
Min.
Typ.
Max.
Unit
DC Supply Voltage (Vcc1, Vcc2)
3.2
3.4
4.2
V
Enable Voltage (Ven)
Low
High
0
1.35
0
2.6
0.5
3.1
V
V
Mode Control Voltage (Vmode)
Low
High
0
1.35
0
2.6
0.5
3.1
V
V
Bypass Control Voltage (Vbp)
Low
High
0
1.35
0
2.6
0.5
3.1
V
V
Operating Frequency (fo)
1920
1980
MHz
Ambient Temperature (Ta)
-20
25
85
°C
Operating Logic Table
Power Mode
Ven
Vmode
Vbp
Pout (Rel99)
Pout (HSDPA,
HSUPA MPR=0dB)
High Power Mode
High
Low
Low
~ 27.5 dBm
~ 26.5 dBm
Mid Power Mode
High
High
Low
~ 18 dBm
~ 17 dBm
Bypass Mode
High
High
High
~ 12 dBm
~ 11 dBm
Shut Down Mode
Low
Low
Low
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com