Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3948 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3948
Description  DMOS FULL-BRIDGE PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3948 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3948 Datasheet HTML 1Page - Allegro MicroSystems 3948 Datasheet HTML 2Page - Allegro MicroSystems 3948 Datasheet HTML 3Page - Allegro MicroSystems 3948 Datasheet HTML 4Page - Allegro MicroSystems 3948 Datasheet HTML 5Page - Allegro MicroSystems 3948 Datasheet HTML 6Page - Allegro MicroSystems 3948 Datasheet HTML 7Page - Allegro MicroSystems 3948 Datasheet HTML 8Page - Allegro MicroSystems 3948 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3948
DMOS FULL-BRIDGE
PWM MOTOR DRIVER
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 50 V, VDD = 5.0 V, VSENSE = 0.5 V,
fPWM < 50 kHz (unless noted otherwise)
Limits
Characteristics
Symbol Test Conditions
Min.
Typ. Max.
Units
Output Drivers
Load Supply Voltage Range
VBB
Operating
20
–
50
V
During sleep mode
0
–
50
V
Output Leakage Current
IDSS
VOUT = VBB
–
<1.0
20
µA
VOUT = 0 V
–
<-1.0
-20
µA
Output On Resistance
rDS(on)
Source driver, IOUT = -1.5 A
–
500
550
m
Ω
Sink driver, IOUT = 1.5 A
–
300
350
m
Ω
Body Diode Forward Voltage
VF
Source diode, IF = -1.5 A
–
1.0
1.3
V
Sink diode, IF = 1.5 A
–
1.0
1.3
V
Load Supply Current
IBB
fPWM < 50 kHz
–
4.0
7.0
mA
Charge pump on, outputs disabled
–
2.0
5.0
mA
Sleep Mode
–
–
20
µA
Control Logic
Logic Supply Voltage Range
VDD
Operating
4.5
5.0
5.5
V
Logic Input Voltage
VIN(1)
2.0
–
–
V
VIN(0)
–
–
0.8
V
Logic Input Current
IIN(1)
VIN = 2.0 V
–
<1.0
20
µA
(all inputs except ENABLE)
IIN(0)
VIN = 0.8 V
–
<-2.0
-20
µA
ENABLE Input Current
IIN(1)
VIN = 2.0 V
–
40
100
µA
IIN(0)
VIN = 0.8 V
–
16
40
µA
OSC input frequency
fOSC
Operating
1.8
–
6.1
MHz
OSC input duty cycle
dcOSC
Operating
40
–
60
%
OSC input hysteresis
–
Operating
200
–
400
mV
Input Hysterisis
–
All digital inputs except OSC
50
–
100
mV
Reference Input Volt. Range
VREF
Operating
0.0
–
VDD - 0.1
V
Reference Input Current
IREF
VREF = 2.5 V
–
–
±0.5
µA
Comparator Input Offset Volt.
VIO
VREF = 0 V
–
0
±5.0
mV
Continued next page …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com