Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3977 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3977
Description  MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3977 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3977 Datasheet HTML 1Page - Allegro MicroSystems 3977 Datasheet HTML 2Page - Allegro MicroSystems 3977 Datasheet HTML 3Page - Allegro MicroSystems 3977 Datasheet HTML 4Page - Allegro MicroSystems 3977 Datasheet HTML 5Page - Allegro MicroSystems 3977 Datasheet HTML 6Page - Allegro MicroSystems 3977 Datasheet HTML 7Page - Allegro MicroSystems 3977 Datasheet HTML 8Page - Allegro MicroSystems 3977 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3977
MICROSTEPPING DMOS DRIVER
WITH TRANSLATOR
2
Copyright © 2002, 2003 Allegro MicroSystems, Inc.
FUNCTIONAL BLOCK DIAGRAM
DMOS H BRIDGE
DMOS H BRIDGE
CHARGE
PUMP
CP2
CP1
VCP
LOAD
SUPPLY
VBB1
OUT1A
OUT1B
OUT2A
OUT2B
VBB2
SENSE1
VCP
Dwg. FP-050-2
VREG
PWM TIMER
PWM TIMER
PWM LATCH
BLANKING
MIXED DECAY
UVLO
AND
FAULT
REGULATOR
BANDGAP
DAC
+-
+-
DAC
2 V
SENSE1
PWM LATCH
BLANKING
MIXED DECAY
SENSE2
4
4
REF
LOGIC
SUPPLY
VDD
STEP
DIR
MS1
SLEEP
MS2
HOME
ENABLE
RC1
RESET
SR
PFD
RC2
REF.
SUPPLY
VPFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com