Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP14.09.0100A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FXP14.09.0100A
Description  MMCX(M) RA Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP14.09.0100A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FXP14.09.0100A Datasheet HTML 1Page - Taoglas antenna solutions FXP14.09.0100A Datasheet HTML 2Page - Taoglas antenna solutions FXP14.09.0100A Datasheet HTML 3Page - Taoglas antenna solutions FXP14.09.0100A Datasheet HTML 4Page - Taoglas antenna solutions FXP14.09.0100A Datasheet HTML 5Page - Taoglas antenna solutions FXP14.09.0100A Datasheet HTML 6Page - Taoglas antenna solutions FXP14.09.0100A Datasheet HTML 7Page - Taoglas antenna solutions FXP14.09.0100A Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPE-12-8-049/B/ZL
|
page 2 of 8
The Taoglas FXP14 Hexa Band Cellular
Antenna covers all world-wide bands (850
/ 900 / 1700 / 1800 / 1900 / 2100 MHz).
These cellular bands are used for different
technologies in different countries such as
GSM / CDMA / DCS / PCS / WCDMA
/ UMTS/ HSPA / GPRS / EDGE / 3G.
The antenna has been designed in a
flexible material with a rectangular
form-factor and cable connection for
an easy installation. The antenna works on
different plastic materials and thickness.
We have selected a piece of ABS with
2 mm of thickness as a baseline for testing.
1. Introduction
2. Specifications
Parameter
Hexa Band Cellular Antenna
Cellular Band (MHz)
850
900
1700
1800
1900
2100
Return Loss (dB)
-7
-12
-8
-9
-9
-8
Efficiency (%)
52
55
60
60
62
65
Gain (dBi)
2
1.5
3
2.5
2
2.5
Impedance
50 Ohms
VSWR
≤2.5:1
Polarization
Linear
Power Handled
5W
Operation Temperature
-40 ºC ~ +85 ºC
Storage Temperature
-40 ºC ~ +85 ºC
Dimensions
70 X 20 X 0.1 mm
Weight
1.5 g
Connector
MMCX(M) RA
Cable Standard
Mini-Coax 1.13 mm
Cable Length and color
105mm, Black
RoHS Compliant
Yes
Adhesive
3M 467



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com