Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6643MM Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MM
Description  3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MM Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMH6643MM Datasheet HTML 14Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 15Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 16Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 17Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 18Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 19Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 20Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 21Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application Notes (Continued)
For this example, optimum C
f was empirically determined to
be around 5pF. This time domain response is shown in
Figure 4 below showing about 9ns rise/fall times, corre-
sponding to about 39MHz for f
p. The overall supply current
from the +5V supply is around 5mA with no load.
Printed Circuit Board Layout and Component Values
Sections:
Generally, a good high frequency layout will keep power
supply and ground traces away from the inverting input and
output pins. Parasitic capacitances on these nodes to
ground will cause frequency response peaking and possible
circuit oscillations (see Application Note OA-15 for more
information). National Semiconductor suggests the following
evaluation boards as a guide for high frequency layout and
as an aid in device testing and characterization:
Device
Package
Evaluation
Board PN
LMH6642MF
SOT23-5
CLC730068
LMH6642MA
8-Pin SOIC
CLC730027
LMH6643MA
8-Pin SOIC
CLC730036
LMH6643MM
8-Pin MSOP
CLC730123
LMH6644MA
14-Pin SOIC
CLC730031
LMH6644MT
14-Pin TSSOP
CLC730131
These free evaluation boards are shipped when a device
sample request is placed with National Semiconductor.
Another important parameter in working with high speed/
high performance amplifiers, is the component values selec-
tion. Choosing external resistors that are large in value will
effect the closed loop behavior of the stage because of the
interaction of these resistors with parasitic capacitances.
These capacitors could be inherent to the device or a by-
product of the board layout and component placement. Ei-
ther way, keeping the resistor values lower, will diminish this
interaction to a large extent. On the other hand, choosing
very low value resistors could load down nodes and will
contribute to higher overall power dissipation.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
5-Pin SOT-23
LMH6642MF
A64A
1k Units Tape and Reel
MF05A
LMH6642MFX
3k Units Tape and Reel
SOIC-8
LMH6642MA
LMH6642MA
Rails
M08A
LMH6642MAX
2.5k Units Tape and Reel
LMH6643MA
LMH6643MA
Rails
LMH6643MAX
2.5k Units Tape and Reel
MSOP-8
LMH6643MM
A65A
1k Units Tape and Reel
MUA08A
LMH6643MMX
3.5k Units Tape and Reel
SOIC-14
LMH6644MA
LMH6644MA
Rails
M14A
LNH6644MAX
2.5k Units Tape and Reel
TSSOP-14
LMH6644MT
LMH6644MT
Rails
MTC14
LMH6644MTX
2.5k Units Tape and Reel
20018565
FIGURE 4. Converter Step Response (1V
PP, 20 ns/DIV)
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com