Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7485BST Datasheet(PDF) 9 Page - AMIC Technology

Part # AD7485BST
Description  1 MSPS, Serial 14-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AD7485BST Datasheet(HTML) 9 Page - AMIC Technology

Back Button AD7485BST Datasheet HTML 5Page - AMIC Technology AD7485BST Datasheet HTML 6Page - AMIC Technology AD7485BST Datasheet HTML 7Page - AMIC Technology AD7485BST Datasheet HTML 8Page - AMIC Technology AD7485BST Datasheet HTML 9Page - AMIC Technology AD7485BST Datasheet HTML 10Page - AMIC Technology AD7485BST Datasheet HTML 11Page - AMIC Technology AD7485BST Datasheet HTML 12Page - AMIC Technology AD7485BST Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
AD7485
–9–
CIRCUIT DESCRIPTION
CONVERTER OPERATION
The AD7485 is a 14-bit algorithmic successive-approximation
analog-to-digital converter based around a capacitive DAC. It pro-
vides the user with track-and-hold, reference, an A/D converter,
and versatile interface logic functions on a single chip. The analog
input signal range that the AD7485 can convert is 0 V to 2.5 V.
The part requires a 2.5 V reference that can be provided from
the part’s own internal reference or an external reference source.
Figure 3 shows a very simplified schematic of the ADC. The
Control Logic, SAR, and Capacitive DAC are used to add and
subtract fixed amounts of charge from the sampling capacitor to
bring the comparator back to a balanced condition.
CAPACITIVE
DAC
SWITCHES
VIN
VREF
SAR
CONTROL
LOGIC
CONTROL
INPUTS
OUTPUT DATA
14-BIT SERIAL
COMPARATOR
Figure 3. Simplified Block Diagram
Conversion is initiated on the AD7485 by pulsing the
CONVST
input. On the falling edge of
CONVST, the track/hold goes from
track to hold mode and the conversion sequence is started.
Conversion time for the part is 24 MCLK periods. Figure 4 shows
the ADC during conversion. When conversion starts, SW2 will
open and SW1 will move to position B causing the comparator to
become unbalanced. The ADC then runs through its successive
approximation routine and brings the comparator back into a
balanced condition. When the comparator is rebalanced, the
conversion result is available in the SAR register.
CAPACITIVE
DAC
COMPARATOR
CONTROL LOGIC
+
–
SW1
SW2
AGND
VIN
A
B
Figure 4. ADC Conversion Phase
At the end of conversion, track-and-hold returns to tracking
mode and the acquisition time begins. The track/hold acquisition
time is 70 ns. Figure 5 shows the ADC during its acquisition
phase. SW2 is closed and SW1 is in position A. The comparator
is held in a balanced condition and the sampling capacitor acquires
the signal on VIN.
CAPACITIVE
DAC
COMPARATOR
CONTROL LOGIC
+
–
SW1
SW2
AGND
VIN
A
B
Figure 5. ADC Acquisition Phase
ADC TRANSFER FUNCTION
The output coding of the AD7485 is straight binary. The designed
code transitions occur midway between successive integer LSB
values (i.e., 1/2 LSB, 3/2 LSB, and so on). The LSB size is
VREF/16384. The nominal transfer characteristic for the
AD7485 is shown in Figure 6.
000...000
0V
ANALOG INPUT
111...111
000...001
000...010
111...110
111...000
011...111
0.5LSB
+VREF –1.5LSB
1LSB = V REF/16384
Figure 6. Transfer Characteristic
POWER SAVING
The AD7485 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. In addition to
this, the AD7485 features two power saving modes, NAP mode
and STANDBY mode. These modes are selected by bringing
either the NAP or STBY pin to a logic high.
When operating the AD7485 with a 25 MHz MCLK in normal,
fully powered mode, the current consumption is 16 mA during
conversion and the quiescent current is 12 mA. Operating at a
throughput rate of 500 kSPS, the conversion time of 960 ns
contributes 38.4 mW to the overall power dissipation.
960
2
5
16
38 4
ns
s
V
mA
mW
/.
()××
() =
For the remaining 1.04
µs of the cycle, the AD7485 dissipates
31.2 mW of power.
104
2
5
12
312
./
.
ss
V
mA
mW
()××
() =
Thus the power dissipated during each cycle is:
38 4
31 2
69 6
..
.
mW
mW
mW
+=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com