Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6643MMX Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6643MMX
Description  3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MMX Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMH6643MMX Datasheet HTML 11Page - National Semiconductor (TI) LMH6643MMX Datasheet HTML 12Page - National Semiconductor (TI) LMH6643MMX Datasheet HTML 13Page - National Semiconductor (TI) LMH6643MMX Datasheet HTML 14Page - National Semiconductor (TI) LMH6643MMX Datasheet HTML 15Page - National Semiconductor (TI) LMH6643MMX Datasheet HTML 16Page - National Semiconductor (TI) LMH6643MMX Datasheet HTML 17Page - National Semiconductor (TI) LMH6643MMX Datasheet HTML 18Page - National Semiconductor (TI) LMH6643MMX Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Typical Performance Characteristics At T
J = 25˚C, V
+ = +5, V− = −5V, R
F =RL =2k
Ω. Unless
otherwise specified. (Continued)
Small Signal Step Response
Small Signal Step Response
20018552
20018538
Large Signal Step Response
Large Signal Step Response
20018537
20018554
Large Signal Step Response
20018560
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com