Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8067ART Datasheet(PDF) 23 Page - Analog Devices

Part # AD8067ART
Description  High Gain Bandwidth Product Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ART Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8067ART Datasheet HTML 16Page - Analog Devices AD8067ART Datasheet HTML 17Page - Analog Devices AD8067ART Datasheet HTML 18Page - Analog Devices AD8067ART Datasheet HTML 19Page - Analog Devices AD8067ART Datasheet HTML 20Page - Analog Devices AD8067ART Datasheet HTML 21Page - Analog Devices AD8067ART Datasheet HTML 22Page - Analog Devices AD8067ART Datasheet HTML 23Page - Analog Devices AD8067ART Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD8067
Rev. 0 | Page 23 of 24
AD8067
C2
0.1
µF
1
C1
10
µF
+5V
–5V
5
2
4
3
AD8009
C8
0.1
µF
6
C7
10
µF
+5V
7
2
3
4
C11
0.1
µF
C9
10
µF
–5V
C4
0.1
µF
C3
10
µF
INPUT
R4
200
Ω
R3
21.5
Ω
OUTPUT
R5
50
Ω
R1
51.1
Ω
R2
4.99k
Ω
C6
0.001
µF
C10
0.001
µF
C5
5pF
M 25ns CH1 0V
CH1 1V
T
C1 AMPL
4V
Figure 59. Large Signal Response
Figure 57. AD8067/AD8009 Composite Amplifier AV = 100, GBWP = 6.1 GHz
M 25ns CH1 0V
C1 AMPL
480mV
CH1 200mV
T
The composite amplifier is set for a gain of 100. The overall gain is
set by the following equation:
1
1
2 +
=
R
R
V
V
I
O
The output stage is set for a gain of +10; therefore, the AD8067 has
an effective gain of +10, thereby allowing it to a maintain
bandwidth in excess of 55 MHz.
The circuit can be tailored for different gain values; keeping the
ratios roughly the same will ensure that the bandwidth integrity is
maintained. Depending on the board layout, capacitor C5 may be
required to reduce ringing on the output. The gain bandwidth and
pulse responses are shown in Figure 58, Figure 59, and Figure 60.
Figure 60. Small Signal Response
Layout of this circuit requires attention to the routing and length of
the feedback path. It should be kept as short as possible to
minimize stray capacitance.
FREQUENCY – MHz
44
24
26
28
30
32
34
36
38
40
42
0.1
1
10
100
Figure 58. Gain Bandwidth Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com