Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3025 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3025
Description  High Efficiency Dual Output Power Supply Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3025 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3025 Datasheet HTML 9Page - Analog Devices ADP3025 Datasheet HTML 10Page - Analog Devices ADP3025 Datasheet HTML 11Page - Analog Devices ADP3025 Datasheet HTML 12Page - Analog Devices ADP3025 Datasheet HTML 13Page - Analog Devices ADP3025 Datasheet HTML 14Page - Analog Devices ADP3025 Datasheet HTML 15Page - Analog Devices ADP3025 Datasheet HTML 16Page - Analog Devices ADP3025 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADP3025
Rev. A | Page 13 of 24
OUTPUT VOLTAGE ADJUSTMENT
Fixed output voltages (5 V/3.3 V) are selected when ADJ/FX5 =
ADJ/FX3 = 0 V. The output voltage of each controller can also
be set by an external feedback resistor network when
ADJ/FX5 = ADJ/FX3 = 5 V, as shown in Figure 16. There should
be two external feedback resistor dividers for each controller,
one for the voltage feedback loop and one for the output voltage
monitor. Both resistor dividers must be identical. The mini-
mum output voltage is 800 mV, and the maximum output
voltage is 6.0 V.
ADP3025
DRVH
DRVL
FB
ADJ/FX
VIN
5V
EAN
R1
R2
R3
R4
VOUT
Figure 16. Adjustable Output Mode
The output voltage can be calculated using the following
formula:
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R2
R1
V T
OU
1
mV
800
(3)
where R1/R2 = R3/R4.
If the loop is carefully compensated, R3 and R4 can be removed
and FB and EAN can be tied together.
APPLICATION INFORMATION
A typical application circuit using the ADP3025 is shown in
Figure 17. Although the component values given in Figure 17
are based on a 5 V @ 4 A/3.3 V @ 4 A/2.5 V @ 1.5 A design, the
ADP3025 output drivers are capable of handling output
currents anywhere from <1 A to over 10 A. Throughout this
section, design examples and component values are given for
three different power levels. For simplicity, these levels are
referred to as low power and basic power. Table 5 shows the
input/output specifications for these three levels.
Table 5. Typical Power Level Examples
Low Power
Basic
Input Voltage Range
5.5 V to 25 V
5.5 V to 25 V
Switching Output 1
3.3 V/2 A
3.3 V/4 A
Switching Output 2
5 V/2 A
5 V/4 A
Linear Output
2.5 V/1 A
2.5 V/1.5 A
INPUT VOLTAGE RANGE
The input voltage range of the ADP3025 is 5.5 V to 25 V. The
converter design is optimized to deliver the best performance
within a 7.5 V to 18 V range, which is the nominal voltage for
three to four cell Li-Ion battery stacks. Voltages above 18 V may
occur under light loads and when the system is powered from
an ac adapter with no battery installed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com