Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6655MM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6655MM
Description  Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6655MM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMH6655MM Datasheet HTML 9Page - National Semiconductor (TI) LMH6655MM Datasheet HTML 10Page - National Semiconductor (TI) LMH6655MM Datasheet HTML 11Page - National Semiconductor (TI) LMH6655MM Datasheet HTML 12Page - National Semiconductor (TI) LMH6655MM Datasheet HTML 13Page - National Semiconductor (TI) LMH6655MM Datasheet HTML 14Page - National Semiconductor (TI) LMH6655MM Datasheet HTML 15Page - National Semiconductor (TI) LMH6655MM Datasheet HTML 16Page - National Semiconductor (TI) LMH6655MM Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Information (Continued)
The free evaluation board are shipped automatically when a
device sample request is placed with National Semiconduc-
tor.
The CLC730027 datasheet also contains tables of recom-
mended components to evaluate several of National’s high
speed amplifiers. This table for the LMH6654 is illustrated
below. Refer to the evaluation board datasheet for schemat-
ics and further information.
Components Needed to Evaluate the LMH6654 on the
Evaluation Board:
•
R
fRg use the datasheet to select values.
•
R
IN,ROUT typically 50Ω (Refer to the Basic Operation
section of the evaluation board datasheet for details)
•
R
f is an optional resistor for inverting again configurations
(select R
f to yield desired input impedance = Rg||Rf)
•
C
1,C2 use 0.1µF ceramic capacitors
•
C
3,C4 use 10µF tantalum capacitors
Components not used:
1.
C
5,C6,C7,C8
2.
R1 thru R8
The evaluation boards are designed to accommodate dual
supplies. The board can be modified to provide single op-
eration. For best performance;
1) do not connect the unused supply.
2) ground the unused supply pin.
power Dissipation
The package power dissipation should be taken into account
when operating at high ambient temperature and/or high
power dissipative conditions. In determining maximum oper-
able temperature of the device, make sure the total power
dissipation of the device is considered; this power dissipated
in the device with a load connected to the output as well as
the nominal dissipation of the op amp.
Driving Capacitive Loads
Capacitive loads decrease the phase margin of all op amps.
The output impedance of a feedback amplifier becomes
inductive at high frequencies, creating a resonant circuit
when the load is capacitive. This can lead to overshoot,
ringing and oscillation. To eliminate oscillation or reduce
ringing, an isolation resistor can be placed as shown in
Figure 2 below. At frequencies above
the load impedance of the Amplifier approaches R
ISO. The
desired performance depends on the value of the isolation
resistor. The isolation resistance vs. capacitance load graph
in the typical performance characteristics provides the
means for selection of the value of R
S that provides ≤ 3dB
peaking in closed loop A
V = 1 response. In general, the
bigger the isolation resistor, the more damped the pulse
response becomes. For initial evaluation, a 50
Ω isolation
resistor is recommended.
Components Selection and Feedback Resistor
It is important in high-speed applications to keep all compo-
nent leads short since wires are inductive at high frequency.
For discrete components, choose carbon composition axially
leaded resistors and micro type capacitors. Surface mount
components are preferred over discrete components for
minimum inductive effect. Never use wire wound type resis-
tors in high frequency applications.
Large values of feedback resistors can couple with parasitic
capacitance and cause undesired effects such as ringing or
oscillation in high-speed amplifiers. Keep resistors as low as
possible consistent with output loading consideration. For a
gain of 2 and higher, 402
Ω feedback resistor used for the
typical performance plots gives optimal performance. For
unity gain follower, a 25
Ω feedback resistor is recommended
rather than a direct short. This effectively reduces the Q of
what would otherwise be a parasitic inductance (the feed-
back wire) into the parasitic capacitance at the inverting
input.
Bias Current Cancellation
In order to cancel the bias current errors of the non-inverting
configuration, the parallel combination of the gain setting R
g
and feedback R
f
resistors should equal the equivalent
source resistance R
seq as defined in Figure 3. Combining
this constraint with the non-inverting gain equation, allows
both R
f and Rg to be determined explicitly from the following
equations:
R
f =AVRseq and Rg =Rf/(AV−1)
For inverting configuration, bias current cancellation is ac-
complished by placing a resistor R
b on the non-inverting
input equal in value to the resistance seen by the inverting
input (R
f//(Rg+Rs). The additional noise contribution of Rb
can be minimized through the use of a shunt capacitor.
20016540
FIGURE 2.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com