Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC.30.09.0100A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PC.30.09.0100A
Description  High antenna RF efficiency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC.30.09.0100A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PC.30.09.0100A Datasheet HTML 1Page - Taoglas antenna solutions PC.30.09.0100A Datasheet HTML 2Page - Taoglas antenna solutions PC.30.09.0100A Datasheet HTML 3Page - Taoglas antenna solutions PC.30.09.0100A Datasheet HTML 4Page - Taoglas antenna solutions PC.30.09.0100A Datasheet HTML 5Page - Taoglas antenna solutions PC.30.09.0100A Datasheet HTML 6Page - Taoglas antenna solutions PC.30.09.0100A Datasheet HTML 7Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPE-12-8-058/A/ZL
Page 2 of 7
I. Introduction
PC30 is a custom-designed FR4 quad-band GSM antenna for a tracking device.
This RoHS compliant antenna has high RF efficiency with the tracking device to
meet PTCRB requirement.
II.
Specification (Free Space)
Specifications
Communication System
Penta-band Cellular
AMPS
GSM
DCS
PCS
UMTS
Frequency (MHz)
824 ~ 896
880~960
1710~1880
1850~1990
1710~2170
Average Efficiency
17%
38%
60%
70%
68%
Gain
2dBi
Impedance
50 Ohm
Radiation Pattern
Omni-directional
Polarization
Linear
PCB
FR4 74.70 x 8.20 x 0.8 mm
Connector
MMCX(M)RA
Cable
1.13
Cable Length
100 mm
Operation Temperature
-40°C ~ +85°C
Storage Temperature
-40°C ~ +85°C
Please note that Cables and Connectors are Customizable, customized solution will have an MOQ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com