Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS.06.A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # PCS.06.A
Description  SMD Dielectric Antenna
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS.06.A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  PCS.06.A Datasheet HTML 1Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 2Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 3Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 4Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 5Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 6Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 7Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 8Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SPE-13-8-070/G/WY
Page 1 of 21
SPECIFICATION
Part No. :
PCS.06.A Havok
Product
Name
Features
:
:
Havok - Low Profile LTE/Cellular 2G/3G/4G SMD
Dielectric Antenna
SMD Dielectric Antenna
GSM / CDMA / DCS / PCS / WCDMA /
UMTS /HSDPA / GPRS / EDGE
698~960MHz/1710~2690MHz
High Efficiency Multi-Band SMD antenna
Low profile 42*10*3mm
RoHs Compliant


Similar Part No. - PCS.06.A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PCS.06.A TAOGLAS-PCS.06.A Datasheet
2Mb / 22P
HAVOK-LOW PROFILE LTE
PCS.06.A TAOGLAS-PCS.06.A_17 Datasheet
2Mb / 22P
HAVOK-LOW PROFILE LTE
More results

Similar Description - PCS.06.A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DAK1575MS50T TOKO-DAK1575MS50T Datasheet
405Kb / 1P
GPS DIELECTRIC PATCH ANTENNA
ASW52B TOKO-ASW52B Datasheet
356Kb / 1P
5.250 GHZ DIELECTRIC ANTENNA
ASWR03 TOKO-ASWR03 Datasheet
121Kb / 2P
2.45 GHZ DIELECTRIC ANTENNA
DAC2450CT1T TOKO-DAC2450CT1T Datasheet
459Kb / 2P
2.45 GHZ DIELECTRIC ANTENNA
DAKC1575MS74T TOKO-DAKC1575MS74T Datasheet
548Kb / 1P
GPS DIELECTRIC PATCH ANTENNA
DAL5250CT17T TOKO-DAL5250CT17T Datasheet
532Kb / 1P
5.250 GHZ DIELECTRIC ANTENNA
logo
List of Unclassifed Man...
PCS07A ETC2-PCS07A Datasheet
1Mb / 13P
Low Profile Cellular SMD Dielectric Antenna
logo
Taoglas antenna solutio...
PCS06A TAOGLAS-PCS06A Datasheet
1Mb / 21P
havok - Low Profile LTE/Cellular 4g SMD Dielectric Antenna
PCS07A1 TAOGLAS-PCS07A1 Datasheet
1Mb / 14P
Low Profile Cellular SMD Dielectric Antenna
PCS.07.A TAOGLAS-PCS.07.A_17 Datasheet
1Mb / 14P
LOW PROFILE CELLUALR SMD DIELECTRIC ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com