Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F210 Datasheet(PDF) 2 Page - Fox Electronics

Part # F210
Description  HCMOS 2.5x2mm 1.8V Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F210 Datasheet(HTML) 2 Page - Fox Electronics

  F210 Datasheet HTML 1Page - Fox Electronics F210 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
63
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
HCMOS 2.5x2mm 1.8V Oscillator
Rev. 9/17/2012
RoHS & REACH Compliant
http://www.foxonline.com/need_a_sample.htm
Model: F210 SERIES
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
F210 Series
A
∅
1.5
B
4.0
C
4.0
D
3.5
E
8.0
F
1.15
STD Reel QTY
3,000
• REEL SPECIFICATIONS (millimeters)
G
2.0
H
∅
13
I
∅
21
J
∅
60
K
∅
180
L
9.0
M
2.0
MODEL
F210 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com