Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND8116 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND8116
Description  Integrated Relay/Inductive Load Drivers for Industrial and Automotive Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8116 Datasheet(HTML) 2 Page - ON Semiconductor

  AND8116 Datasheet HTML 1Page - ON Semiconductor AND8116 Datasheet HTML 2Page - ON Semiconductor AND8116 Datasheet HTML 3Page - ON Semiconductor AND8116 Datasheet HTML 4Page - ON Semiconductor AND8116 Datasheet HTML 5Page - ON Semiconductor AND8116 Datasheet HTML 6Page - ON Semiconductor AND8116 Datasheet HTML 7Page - ON Semiconductor AND8116 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AND8116/D
http://onsemi.com
2
Standard Discrete RELAY DRIVERS
For both type of applications industrial and automotive,
the most traditional and popular relay drivers are the ones
formed discretely with a bipolar transistor, two bias resistors
and a free−wheeling diode. In some cases, it is required to
add extra components such as MOVs (metal oxide varistors)
and extra diodes to ensure proper protection. Figure 1 shows
a typical discrete relay driver with the extra protection
devices. Diode D1 provides reverse supply protection and
diode D2 provides a clamp function to suppress the voltage
spike generated by the relay’s coil during the turn−off
interactions (V = Ldi/dt). A power MOV device is used to
limit positive transients to within the bipolar transistor’s
breakdown voltage. The saturation voltage of the bipolar
transistor (typically over 1.0 V) causes high power
dissipation which in some cases eliminates the option to use
inexpensive surface mount package devices such as
SOT−23 or smaller, therefore the need for bigger packages
such as TO220 is always present. The resulting discrete
circuit is expensive because it takes several components and
a big space in the PC board.
Figure 1. Typical Discrete Relay Driver
+12 V
VARISTOR
0
RELAY
D1
Q1
R2
R1
+5 V/3.3 V
D2
LOGIC
ON Semiconductor’s RELAY DRIVERS
The ON Semiconductor’s relay drivers portfolio is
divided in two main categories:
• Industrial version (devices NUD3105, NUD3112)
• Automotive version (device NUD3124)
Industrial Version
Figure 2 describes the industrial relay driver version
(devices NUD3105, NUD3112). This device integrates
several discrete components in a single SOT−23 three
leaded surface mount package to achieve a simpler and more
efficient solution than the conventional discrete relay
drivers. The characteristics of the integrated devices are
listed below:
• N−channel FET 40 V, 500 mA
• ESD protection Zener diodes (7.0 V)
• Bias resistors (1.0 K W in the gate and 300 K W
between gate and source)
• Clamping protection Zener diodes (7.0 V for 5.0 V
relay’s coils, and 14 V for 12 V coils)
Figure 2. Industrial Relay Driver Description
(NUD3105 and NUD3112 Devices)
Drain (3)
1.0 k
300 k
Gate (1)
Source (2)
ESD
Zener
7 V
ESD
Zener
7 V
Clamp Zener
7 V or 14 V
Clamp Zener
7 V or 14 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com