Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS8117A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMS8117A
Description  1A Low-Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS8117A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS8117A Datasheet HTML 1Page - National Semiconductor (TI) LMS8117A Datasheet HTML 2Page - National Semiconductor (TI) LMS8117A Datasheet HTML 3Page - National Semiconductor (TI) LMS8117A Datasheet HTML 4Page - National Semiconductor (TI) LMS8117A Datasheet HTML 5Page - National Semiconductor (TI) LMS8117A Datasheet HTML 6Page - National Semiconductor (TI) LMS8117A Datasheet HTML 7Page - National Semiconductor (TI) LMS8117A Datasheet HTML 8Page - National Semiconductor (TI) LMS8117A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMS8117A
1A Low-Dropout Linear Regulator
General Description
The LMS8117A is a series of low dropout voltage regulators
with a dropout of 1.2V at 1A of load current. It has the same
pin-out as National Semiconductor’s industry standard
LM317.
The LMS8117A is available in an adjustable version, which
can set the output voltage from 1.25V to 13.8V with only two
external resistors. In addition, it is also available in two fixed
voltages, 1.8V and 3.3V.
The LMS8117A offers current limiting and thermal shutdown.
Its circuit includes a zener trimmed bandgap reference to
assure output voltage accuracy to within ±1%.
The LMS8117A series is available in SOT-223 and TO-252
D-PAK packages. A minimum of 10µF tantalum capacitor is
required at the output to improve the transient response and
stability.
Features
n
Available in 1.8V, 3.3V, and Adjustable Versions
n
Space Saving SOT-223 and TO-252 Packages
n
Current Limiting and Thermal Protection
n
Output Current
1A
n
Temperature Range
0˚C to 125˚C
n
Line Regulation
0.2% (Max)
n
Load Regulation
0.4% (Max)
Applications
n
Post Regulator for Switching DC/DC Converter
n
High Efficiency Linear Regulators
n
Battery Charger
n
Battery Powered Instrumentation
Typical Application
Fixed Output Regulator
10119628
April 2005
© 2005 National Semiconductor Corporation
DS101196
www.national.com


Similar Part No. - LMS8117A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS8117A TI-LMS8117A Datasheet
758Kb / 18P
1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117ADT-1.8 NSC-LMS8117ADT-1.8 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
LMS8117ADT-3.3 NSC-LMS8117ADT-3.3 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Texas Instruments
LMS8117ADT-3.3/NOPB TI-LMS8117ADT-3.3/NOPB Datasheet
758Kb / 18P
1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117ADT-ADJ NSC-LMS8117ADT-ADJ Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
More results

Similar Description - LMS8117A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com