Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD-ROM Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # CD-ROM
Description  USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CD-ROM Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  CD-ROM Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Kit Components
The designer’s kit contains components as follows:
www.chipcon.com
For distributor, rep and local sales office
info, please go to our web site.
Chipcon AS
Gaustadalléen 21
NO-0349 Oslo
NORWAY
Tel: +4 22 95 85 45
Email: support@chipcon.com
Ordering Information
For ordering information, please contact your local Avago Technologies sales representative.
Part Number
Description
Name
Quantity
ADNK-6033-CC24
Mouse Set
a. Wireless Laser Mouse
b. USB Dongle
Reference Design
Mouse Set
1
ADNS-6030
Laser Mouse Sensor
Sensor
5
ADNS-6120
Laser Mouse Round Lens Plate
Lens
5
ADNS-6130-001
Laser Mouse Trim Lens Plate
Lens
5
ADNS-6230-001
Laser Mouse VCSEL Assembly Clip
VCSEL Clip
5
ADNV-6330
Single Mode Vertical Cavity Surface Emitting Laser
VCSEL
5
CC2500
Chipcon 2.4GHz RF Transceiver
RF Transceiver
5
ADNK-6033-CC24
CD-ROM
Includes Documentation and Support Files for ADNK-6033-CC24
Documentations
a. ADNK-6033-CC24 Laser Mouse Designer’s Kit Product Overview
b. ADNK-6033-CC24 Laser Mouse Designer’s Kit Design Guide
c. ADNB-6031 and ADNB-6032 Low Power Laser Mouse Bundles Data Sheet
d. Avago Technologies ADNB-6031 and ADNB-6032 Laser Mouse Eye Safety
Calculation Application Note 5230
e. Chipcon CC2500 RF Transceiver Datasheet
Hardware Support Files
a. ADNK-6033-CC24 Schematic
b. ADNK-6033-CC24 BOM List
c. ADNK-6033-CC24 Gerber File
d. IGES Base Plate Feature File
Software Support Files
a. Microcontrollers Firmware
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Pte. in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Pte. All rights reserved.
5989-3606EN -- May 16, 2006
Avago Technologies’Partner



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com