Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-6120 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6120
Description  USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6120 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-6120 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image

tomatically validate the packets adress and CRC, further
reducing the microcontrollers processing tasks.
The Cypress CY7C63231A enCoRe
 is a revolutionary
chip that integrates numerous common components,
including breakthrough crystal-less oscillator. The re-
sult is an overall reduction in board components and
reduced system cost. The EPROM based microcontroller
allows easy firmware modification, as well as storage
of Vendor and Product ID
s without an external EE-
PROM.
This kit is connectable to a PC via the USB port. It is
based on the 2.4GHz RF technology, the data gener-
ated from displacement detection / button status in
the laser mouse is encoded with a pre-defined serial
type protocol handled by firmware in the MCU. In the
RF stage, the encoded data is used for GFSK modula-
tion. The captured data from the RF receiver stage is
decoded with a corresponding packet format used for
mouse applications. The final data is sent to the host
through the USB interface.
Figure 1. Sectional view of PCB assembly highlighting all optical mouse components
(optical mouse sensor, clip, lens, LASER, PCB, and base plate).
The Texas Instruments MSP430F1222 is the ultra low-
power mixed signal microcontroller with a built-in
16-bit timer, 10-bit A/D converter with integrated refer-
ence and data transfer controller (DTC) and twenty-two
I/O pins. In addition, the MSP430F1222 microcontroller
has built-in communication capability using asyn-
chronous (UART) and synchronous (SPI) protocols. The
architecture, combined with five low power modes is
optimized to achieve extended battery life on wireless
application.
The Nordic nRF2402 and nRF2401A are the low power
single-chip radio transmitter and transceiver for the
world wide 2.4 - 2.5 GHz ISM band. The entire transmit-
ter and transceiver including all inductors and filters
are integrated in each single chip respectively which
gives the lowest cost solution to the end user. All con-
figurations of the nRF2402 transmitter and nRF2401A
transceiver are done via a standard serial interface. The
nRF devices include the ShockBurst engine which allow
for high datarates on air using low datarates between
the microcontroller and the nRF device, it will also au-
SENSOR
VSCEL
PCB
BASE
PLATE
LENS
SURFACE
VSCEL
CLIP
PCB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com