Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD-ROM Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # CD-ROM
Description  USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CD-ROM Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  CD-ROM Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED CD-ROM Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Part Number
Description
Name
Quantity
ADNK-6033-ND24
Mouse Set
a. Wireless Laser Mouse
b. USB Dongle
Reference Design Mouse
Set
1
ADNS-6030
Laser Mouse Sensor
Sensor
5
ADNS-6120
Laser Mouse Round Lens Plate
Lens
5
ADNS-6130-001
Laser Mouse Trim Lens Plate
Lens
5
ADNS-6230-001
Laser Mouse VCSEL Assembly Clip
VCSEL Clip
5
ADNV-6340
Single Mode Vertical Cavity Surface Emitting
Laser
VCSEL
5
ADNK-6033-ND24
CD-ROM
Includes Documentation and Support Files for ADNK-6033-ND24
Documentations
a. ADNB-6031-EV and ADNB-6032-EV Low Power Laser Mouse Bundles
Data Sheet
b. ADNK-6033-ND24 Laser Mouse Designer’s Kit Product Overview
c. ADNK-6033-ND24 Laser Mouse Designer’s Kit Design Guide
d. Avago Technologies ADNB-6031 and ADNB-6032 Laser Mouse Eye Safety
Calculation Application Note 5230
e. Texas Instrument MSP430F1222 Microcontroller Datasheet
f. Nordic Semiconductor nRF2401A RF Transceiver Datasheet
g. Nordic Semiconductor nRF2402 RF Transmitter Datasheet
Hardware Support Files
a. ADNK-6033-ND24 BOM List
b. ADNK-6033-ND24 Schematic
c. ADNK-6033-ND24 Gerber File
d. IGES Base Plate Feature File
Software Support Files
a. Microcontroller Firmware
Ordering Information
For ordering information, please contact your local Avago Technologies sales representative.
Kit Components
The designer’s kit contains components as follows:
www.nordicsemi.com
Nordic Semiconductor Support
Tel: +47 72 89 89 00
www.nordicsemi.no/sup_com/pro.php
www.ti.com
TI Semiconductor Product Information
Center
support.ti.com
Avago Technologies’Partners
For partner product information and list of distributors, please go to their respective website.
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Pte. in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Pte. All rights reserved. Obsoletes 5989-3605EN
AV01-0280EN - July 4, 2006



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com