Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52334 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M52334
Description  PLL-SPLIT VIF/SIF IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52334 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M52334 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MITSUBISHI ICs (TV)
M52334FP
PLL-SPLIT VIF/SIF IC
2
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (VCC=9V, Ta=25
°C, unless otherwise noted)
Symbol
Parameter
Condition
Ratings
Unit
VCC
Supply voltage1
VCC and Vreg. out is not connected to each
other.
13.2
V
Vreg.
OUT
Supply voltage Vreg. OUT
VCC and Vreg. out is not connected to each
other.
6.0
V
Pd
Power dissipation
1225
mW
Topr
Operating temperature
-20 to +85
°C
Tstg
Storage temperature
-40 to +150
°C
Surge
Surge voltage resistance
Surge protection capacitance 200pF resis-
tance 0
Ω
±200
V
Symbol
Parameter
Test
circuit
Test
point
Input
point
Input
SG
Measurement condition
Limits
Unit
switches set to position 1
unless otherwise indicated
Min.
Typ.
Max.
VIF section
ICC1
Circuit current1
VCC=5V
1A
−−
VCC=5V
SW4=2, SW7=2
33
40.5
47
mA
ICC2
Circuit current2
VCC=12V
1A
−−
VCC=12V
SW7=2
31
40.5
49
mA
VCC2
Vreg voltage2
1
TP4
−−
VCC=12V
4.7
5.00
5.3
V
V1
Video output DC
voltage1
1
TP1A
−−
SW13=2
V13=0V
3.45
3.9
4.35
V
Vo det8
Video output voltage8
1
TP8
VIF IN
SG1
0.85
1.1
1.35
VP-P
Vo det
Video output voltage1
1
TP1A VIF IN
SG1
1.85
2.2
2.55
VP-P
Video S/N
Video S/N
1
TP1B VIF IN
SG2
SW1=2
51
56
−
dB
BW
Video band width
1
TP1A VIF IN
SG3
SW13=2
V13=variable
5.0
7.0
−
MHz
VIN MIN
Input sensitivity
1
TP1A VIF IN
SG4
−
48
52
dB
µ
VIN MAX
Maximum allowable
input
1
TP1A VIF IN
SG5
101
105
−
dB
µ
GR
AGC control range input
−−−−
50
57
−
dB
V13
IF AGC voltage
1
TP13
VIF IN
SG6
2.85
3.15
3.45
V
V13H
Maximum IF AGC
voltage
1
TP13
−−
4.0
4.4
−
V
V13L
Minimum IF AGC
voltage
1
TP13
VIF IN
SG7
2.2
2.4
2.6
V
V14H
Maximum RF AGC
voltage
1
TP14
VIF IN
SG2
SW13=2
V13=4V
8.0
8.7
−
V
V14L
Minimum RF AGC
voltage
1
TP14
VIF IN
SG2
SW13=2
V13=1V
−
0.1
0.5
V
V14
RF AGC operation voltage
1
TP14
VIF IN
SG8
86
89
92
dB
µ
CL-U
Capture range U
1
TP1A VIF IN
SG9
0.8
1.3
−
MHz
CL-L
Capture range L
1
TP1A VIF IN
SG9
1.4
2.0
−
MHz
CL-T
Capture range T
1
−
−−
2.5
3.3
−
MHz
µ
AFT sensitivity
1
TP19
VIF IN SG10
20
30
70
mV/kHz
V19H
AFT maximum voltage
1
TP19
VIF IN SG10
7.7
8.2
−
V
V19L
AFT minimum voltage
1
TP19
VIF IN SG10
−
0.7
1.2
V
AFT def1
AFT defeat 1
1
TP19
VIF IN
−
4.2
4.5
4.8
V
IM
Inter modulation
1
TP3A VIF IN SG11
SW13=2
V13=variable
35
42
−
dB
DG
Differential gain
1
TP3A VIF IN SG12
−
2
5
%
DP
Differential phase
1
TP3A VIF IN SG12
−
2
5
deg
V3
SYNC
Sync. tip level
1
TP3A VIF IN
SG2
1.0
1.4
1.8
V
RINV
VIF input resister
2
TP17
−
1.2
−
k
Ω
CINV
VIF input capacitance
2
TP17
−
5
−
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com