Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC2 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # HC2
Description  High AC Voltage - High current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

HC2 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  HC2 Datasheet HTML 1Page - Illinois Capacitor, Inc. HC2 Datasheet HTML 2Page - Illinois Capacitor, Inc. HC2 Datasheet HTML 3Page - Illinois Capacitor, Inc. HC2 Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
High AC Voltage - High current
APPLICATIONS
Induction Heating, Tank Circuits
KVAR
200
CAPACITANCE TOLERANCE
+/-10%
MAXIMUM CORE TEMPERATURE
+85°C
SURFACE TEMPERATURE
+45°C
(Above 45°C the KVAR rating must be de-rated by 2.25%/°C)
CONSTRUCTION
Self-healing
SELF INDUCTANCE
<3 nH
DIELECTRIC
Polypropylene
FLAME RETARDANT
UL94V0
Standard part listing
Capacitance
(μF)
VAC
IC part number
Maximum
RMS
current
(A)
MAX
power
kvar
Frequency
range
(kHz)
ESR
(mΩ)
100kHz,
+25°C
Dimensions (mm)
Terminal
Style
B
H
L
0.05
1000
503HC2102K2CM6
250
200
636
‐994
1.5
30.2
30
68
2CM6
0.1
1000
104HC2102K2CM6
250
200
318
‐498
1.2
30.2
30
68
2CM6
0.17
900
174HC2900K2CM6
300
200
232
‐422
1
30.2
30
68
2CM6
0.25
800
254HC2800K2CM6
300
200
199
‐286
0.9
30.2
30
68
2CM6
0.33
800
334HC2800K2CM6
300
200
150
‐216
0.8
30.2
30
68
2CM6
0.5
800
504HC2800K2CM6
350
200
98
‐194
0.6
30.2
30
68
2CM6
0.66
700
664HC2700K2CM6
400
200
98
‐193
0.4
30.2
30
68
2CM6
1.2
600
125HC2600K2CM6
450
200
74
‐134
0.4
30.2
30
68
2CM6
1.33
600
135HC2600K2CM6
450
200
65
‐120
0.4
30.2
30
68
2CM6
2.4
450
245HC2450K2CM6
500
200
65
‐85
0.3
30.2
30
68
2CM6


Similar Part No. - HC2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HC2 EATON-HC2 Datasheet
400Kb / 4P
High current power inductors
logo
Cooper Bussmann, Inc.
HC2-1R0-R COOPER-HC2-1R0-R Datasheet
181Kb / 2P
HIGH CURRENT 2??Power Inductors
logo
Eaton All Rights Reserv...
HC2-1R0-R EATON-HC2-1R0-R Datasheet
400Kb / 4P
High current power inductors
HC2-1R0TR-R EATON-HC2-1R0TR-R Datasheet
400Kb / 4P
High current power inductors
logo
Cooper Bussmann, Inc.
HC2-2R2-R COOPER-HC2-2R2-R Datasheet
181Kb / 2P
HIGH CURRENT 2??Power Inductors
More results

Similar Description - HC2

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
High AC Voltage - High current
HC3 ILLINOISCAPACITOR-HC3 Datasheet
1Mb / 4P
High AC Voltage - High current
HC4 ILLINOISCAPACITOR-HC4 Datasheet
1Mb / 6P
High AC Voltage - High current
HC5 ILLINOISCAPACITOR-HC5 Datasheet
1Mb / 5P
High AC Voltage - High current
HC6 ILLINOISCAPACITOR-HC6 Datasheet
771Kb / 3P
High AC Voltage - High current
LC2 ILLINOISCAPACITOR-LC2 Datasheet
610Kb / 3P
High AC Voltage - High current
LC3 ILLINOISCAPACITOR-LC3 Datasheet
943Kb / 4P
High AC Voltage - High current
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
High AC Voltage - High current
LC5 ILLINOISCAPACITOR-LC5 Datasheet
1Mb / 5P
High AC Voltage - High current
LC6 ILLINOISCAPACITOR-LC6 Datasheet
623Kb / 3P
High AC Voltage - High current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com