Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1808 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1808
Description  Dual Log Digital Potentiometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1808 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1808 Datasheet HTML 9Page - Dallas Semiconductor DS1808 Datasheet HTML 10Page - Dallas Semiconductor DS1808 Datasheet HTML 11Page - Dallas Semiconductor DS1808 Datasheet HTML 12Page - Dallas Semiconductor DS1808 Datasheet HTML 13Page - Dallas Semiconductor DS1808 Datasheet HTML 14Page - Dallas Semiconductor DS1808 Datasheet HTML 15Page - Dallas Semiconductor DS1808 Datasheet HTML 16Page - Dallas Semiconductor DS1808 Datasheet HTML 17Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DS1808
13 of 17
AC ELECTRICAL CHARACTERISTICS
(-40oC to +85oC, VDD=4.5V to 5.5V)
PARAMETER
SYMBOL CONDITION
MIN
TYP
MAX
UNITS NOTES
SCL Clock Frequency
fSCL
Fast Mode
Standard Mode
0
0
400
100
kHz
5
Bus Free Time Between
STOP and START
tBUF
1.3
4.7
ms
5
Hold Time (repeated)
START Condition
tHD:STA
0.6
4.0
ms
6, 5
Low Period of SCL
Clock
tLOW
1.3
4.7
ms
5
High period of SCL
Clock
t HIGH
0.6
4.0
ms
5
Data Hold Time
tHD:DAT
0
0
0.9
ms
5,7
Data Set-Up Time
tSU:DAT
100
250
ns
5
Start Set-Up Time
tSU:STA
0.6
4.7
ms
5
Rise Time of Both SDA
and SCL Signals
tR
20+0.1
C
B
300
1000
ns
8
Fall Time of Both SDA
and SCL Signals
tF
20+0.1
C
B
300
300
ns
8
Set-Up Time for STOP
Condition
tSU:STO
0.6
4.0
ms
Capacitive Load for Each
Bus Line
CB
400
pF
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com