Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSEP29-06AS Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSEP29-06AS
Description  HiPerFREDTM Epitaxial Diode with soft recovery
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEP29-06AS Datasheet(HTML) 1 Page - IXYS Corporation

  DSEP29-06AS Datasheet HTML 1Page - IXYS Corporation DSEP29-06AS Datasheet HTML 2Page - IXYS Corporation DSEP29-06AS Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2004 IXYS All rights reserved
1 - 3
IXYS reserves the right to change limits, test conditions and dimensions.
I
FAV
= 30 A
V
RRM = 600 V
t
rr
= 30/35 ns
V
RSM
V
RRM
Type
V
V
600
600
DSEP 29-06A
600
600
DSEP 29-06AS
600
600
DSEP 29-06B
Symbol
Conditions
Maximum Ratings
I
FRMS
35
A
I
FAVM
rect., d = 0.5; T
C (Version A, AS)= 135°C
30
A
T
C (Version B)
= 125°C
30
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine; (Version A, AS)
250
A
(Version B)
200
A
E
AS
T
VJ = 25°C; non-repetitive
0.2
mJ
I
AS = 1.3 A; L = 180 µH
I
AR
V
A = 1.5·VR typ.; f = 10 kHz; repetitive
0.1
A
T
VJ
-55...+175
°C
T
VJM
175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25°C
165
W
M
d
mounting torque (Version A, B)
0.4...0.6
Nm
Weight
typical
2
g
Symbol
Conditions
Characteristic max. Values
Version A
Version B
I
R
①
T
VJ =
25°C; V
R = VRRM
250
250
µA
T
VJ = 150°C; VR = VRRM
12
mA
V
F
②
I
F = 30 A;
T
VJ = 150°C
1.26
1.58
V
T
VJ =
25°C
1.61
2.52
V
R
thJC
0.9
0.9
K/W
R
thCH
typ.
0.5
0.5
K/W
t
rr
typ.
I
F = 1 A; -di/dt = 200 A/µs;
35
30
ns
V
R = 30 V; TVJ = 25°C
I
RM
typ.
V
R = 100 V;
I
F = 50 A;
6
4
A
-di
F/dt = 100 A/µs; TVJ = 100°C
HiPerFREDTM Epitaxial Diode
with soft recovery
Features
International standard package
• Planar passivated chips
• Very short recovery time
l
Extremely low switching losses
• Low I
RM-values
• Soft recovery behaviour
• Epoxy meets UL 94V-0
Applications
• Antiparallel diode for high frequency
switching devices
• Antisaturation diode
• Snubber diode
• Free wheeling diode in converters
and motor control circuits
• Rectifiers in switch mode power
supplies (SMPS)
• Inductive heating
• Uninterruptible power supplies (UPS)
• Ultrasonic cleaners and welders
Advantages
• Avalanche voltage rated for reliable
operation
• Soft reverse recovery for low
EMI/RFI
• Low I
RM reduces:
- Power dissipation within the diode
- Turn-onlossinthecommutatingswitch
Dimensions see Outlines.pdf
Pulse test:
① Pulse Width = 5 ms, Duty Cycle < 2.0 %
② Pulse Width = 300 µs, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified.
A = Anode, C = Cathode, TAB = Cathode
C
A
TO-220 AC
C (TAB)
C (TAB)
A
A
TO-263
C
A
DSEP 29-06A DSEP 29-06AS
DSEP 29-06B


Similar Part No. - DSEP29-06AS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DSEP29-06AS ISC-DSEP29-06AS Datasheet
293Kb / 2P
Ultra fast Rectifier
logo
Thinki Semiconductor Co...
DSEP29-06AS THINKISEMI-DSEP29-06AS Datasheet
2Mb / 5P
ThinkiSemi 30Ampere,600Volt Surface Mount Ultrafast Recovery Epitaxial Diode
More results

Similar Description - DSEP29-06AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEP6-06AS IXYS-DSEP6-06AS Datasheet
48Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
L408 IXYS-L408 Datasheet
48Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP60-06A IXYS-DSEP60-06A Datasheet
41Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP60-03A IXYS-DSEP60-03A Datasheet
32Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP IXYS-DSEP Datasheet
37Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP30-04A IXYS-DSEP30-04A Datasheet
35Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEC240-06A IXYS-DSEC240-06A Datasheet
411Kb / 1P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP2X60-12A IXYS-DSEP2X60-12A Datasheet
33Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP29-03A IXYS-DSEP29-03A Datasheet
42Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP30-12A IXYS-DSEP30-12A Datasheet
40Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com