Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321M5 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV321M5
Description  General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321M5 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMV321M5 Datasheet HTML 15Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 16Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 17Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 18Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 19Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 20Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 21Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 22Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Application Notes (Continued)
When the output voltage V
O is first at its high, VOH, the
capacitor C is charged toward V
OH through R2. The voltage
across C rises exponentially with a time constant
τ =R
2C,
and this voltage is applied to the inverting input of the op
amp. Meanwhile, the voltage at the non-inverting input is set
at the positive threshold voltage (V
TH+) of the generator. The
capacitor voltage continually increases until it reaches V
TH+,
at which point the output of the generator will switch to its
low, V
OL (= 0V in this case). The voltage at the non-inverting
input is switched to the negative threshold voltage (V
TH-)of
the generator. The capacitor then starts to discharge toward
V
OL exponentially through R1, with a time constant
τ =R
1C.
When the capacitor voltage reaches V
TH-, the output of the
pulse generator switches to V
OH. The capacitor starts to
charge, and the cycle repeats itself.
As shown in the waveforms in Figure 17, the pulse width (T
1)
is set by R
2, C and VOH, and the time between pulses (T2)is
set by R
1, C and VOL. This pulse generator can be made to
have different frequencies and pulse width by selecting dif-
ferent capacitor value and resistor values.
Figure 18 shows another pulse generator, with separate
charge and discharge paths. The capacitor is charged
through R
1 and is discharged through R2.
Figure 19 is a squarewave generator with the same path for
charging and discharging the capacitor.
10006081
FIGURE 16. Pulse Generator
10006086
FIGURE 17. Waveforms of the Circuit in Figure 16
10006077
FIGURE 18. Pulse Generator
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com