Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMS2000-GS08 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMS2000-GS08
Description  Low Current Mini SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS2000-GS08 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMS2000-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMS2000-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMS2000-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMS2000-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMS2000-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMS2000-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMS2000-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMS2000-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMS2000-GS08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
VLMS20.., VLMK20.., VLMO20.., VLMY20.., VLMP20..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 28-Nov-14
3
Document Number: 81339
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO20.., SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
VLMO2000
lV
4.5
9
-
mcd
VLMO20J2M1
lV
5.6
-
22.4
mcd
VLMO20K1L2-34
lV
7.1
-
18
mcd
VLMO20K2L2-35
lV
9-
18
mcd
Dominant wavelength
IF = 2 mA
VLMO20K1L2-34
λd
602
-
607
nm
VLMO20K2L2-35
λd
602
-
609
nm
VLMO20..
λd
598
605
611
nm
Peak wavelength
IF = 2 mA
λp
-
610
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 2 mA
VF
-1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMY20.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
VLMY2000
lV
3.55
7.1
-
mcd
VLMY20J1L2
lV
4.5
-
18
mcd
VLMY20K1L2
lV
7.1
-
18
mcd
Dominant wavelength
IF = 2 mA
λd
581
588
594
nm
Peak wavelength
IF = 2 mA
λp
-
590
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 2 mA
VF
-1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMP20.., PURE GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
VLMP20D2G1
lV
0.56
-
2.24
mcd
Dominant wavelength
IF = 2 mA
λd
555
-
565
nm
Peak wavelength
IF = 2 mA
λp
-
565
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 2 mA
VF
-1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com