Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMW21 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMW21
Description  Luminous intensity categorized
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW21 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMW21 Datasheet HTML 1Page - Vishay Siliconix VLMW21 Datasheet HTML 2Page - Vishay Siliconix VLMW21 Datasheet HTML 3Page - Vishay Siliconix VLMW21 Datasheet HTML 4Page - Vishay Siliconix VLMW21 Datasheet HTML 5Page - Vishay Siliconix VLMW21 Datasheet HTML 6Page - Vishay Siliconix VLMW21 Datasheet HTML 7Page - Vishay Siliconix VLMW21 Datasheet HTML 8Page - Vishay Siliconix VLMW21 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 81243
Rev. 1.4, 09-Feb-10
Vishay Semiconductors
VLMW21..
For technical support, please contact: LED@vishay.com
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Relative Intensity vs. Wavelength
Figure 5. Rel. Luminous Intensity vs. Ambient Temperature
100
1
10
2.0
2.5
3.0
3.5
4.0
4.5
VF - Forward Voltage (V)
20017_1
0
20
40
60
80
100
400
500
600
700
800
λ - Wavelength (nm)
16196_1
0.0
0.4
0.8
1.2
1.6
2.0
16197_1
Tamb - Ambient Temperature (°C)
020
40
60
80
100
Figure 6. Chromaticity Coordinate Shift vs. Forward Current
Figure 7. Forward Voltage vs. Ambient Temperature
Figure 8. Rel. Luminous Intensity vs. Angular Displacement
19415
0.310
0.315
0.320
0.325
0.330
0.335
0.340
0.345
0.350
6
8
10
12
14
16
18
20
IF - Forward Current (mA)
X
Y
Linear (Y)
Linear (X)
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
- 40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
20042
0.4
0.2
0
95 10319_1
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com