Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLPC0101C6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLPC0101C6
Description  High Brightness LED Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLPC0101C6 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLPC0101C6 Datasheet HTML 1Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 2Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 3Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 4Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 5Page - Vishay Siliconix VLPC0101C6 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VLPC0101C6, VLPN0101C6, VLPW0101C6
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 27-Sep-13
1
Document Number: 84152
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Brightness LED Power Module
DESCRIPTION
VLPC0101C6, VLPN0101C6, and VLPW0101C6 are high
brightness LED modules. The 4.55 W multichip power LED
is soldered on a Cu plate. The Cu plate with a thickness
of 1.2 mm guarantees best heat removal and distribution.
VLPC0101C6 is the cool white version in a color
temperature range of 5000 K to 6650 K. VLPN0101C6 is
natural white with a color temperature of 3680 K to 4350 K
and VLPW0101C6 is warm white in a color temperature
range of 2670 K to 3120 K. Additional to the modules a
suitable LED driver is available.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: LED module
• Product series: power
• Angle of half intensity: ± 65°
•CRI: 80
FEATURES
• Cu based PCB, 1.2 mm thickness
• Shiny white surface
• 4.55 W multichip LED, minimum 390 lm for cool
white, 330 lm for natural white, and 290 lm for
warm white at 700 mA each
• ESD withstand voltage: Up to 1 kV according to
JESD22-A114-B
•CRI: 80
• Color temperature binning
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Internal lighting in buildings
• Tunnel lights
• Reading lamp, table lamp
• General lighting application
PARTS TABLE
PART
COLOR
LUMINOUS FLUX (lm)
(at IF = 700 mA typ.)
COLOR TEMPERATURE
K
TECHNOLOGY
MIN.
TYP.
MAX.
VLPC0101C6
Cool white
390
430
-
5000 to 6650
InGaN
VLPN0101C6
Natural white
330
410
-
3710 to 4260
InGaN
VLPW0101C6
Warm white
290
320
-
2670 to 3120
InGaN
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLPC0101C6, VLPN0101C6, VLPW0101C6
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Forward current
Tamb < 80 °C
IF
1400
mA
Power dissipation
Tamb < 80 °C
Ptot
10
W
Junction temperature
Tj
115
°C
Operating temperature range
Tamb
-40 to +80
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance
RthJS
3K/W
Pad soldering temperature
10 s
TSD
260
°C


Similar Part No. - VLPC0101C6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLPC0101C5 VISHAY-VLPC0101C5 Datasheet
195Kb / 6P
High Brightness LED Power Module
30-Jul-12
More results

Similar Description - VLPC0101C6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLPC0303A2 VISHAY-VLPC0303A2 Datasheet
207Kb / 6P
High Brightness LED Power Module
05-Dec-11
VLSL4012A VISHAY-VLSL4012A Datasheet
232Kb / 8P
High Brightness LED Power Module
13-Jul-10
VLSL4212A VISHAY-VLSL4212A Datasheet
236Kb / 9P
High Brightness LED Power Module
11-Nov-10
VLSL5012A VISHAY-VLSL5012A Datasheet
201Kb / 8P
High Brightness LED Power Module
13-Jul-10
VLPC0101C5 VISHAY-VLPC0101C5 Datasheet
195Kb / 6P
High Brightness LED Power Module
30-Jul-12
VLPC0401A2J VISHAY-VLPC0401A2J Datasheet
157Kb / 5P
High Brightness LED Power Module
31-Oct-12
VLPC0601A1 VISHAY-VLPC0601A1 Datasheet
236Kb / 7P
High Brightness LED Power Module
13-Feb-12
VLSL3112A2 VISHAY-VLSL3112A2 Datasheet
205Kb / 7P
High Brightness LED Power Module
13-Apr-11
VLPC1201A2J VISHAY-VLPC1201A2J_V01 Datasheet
177Kb / 7P
High Brightness LED Power Module
11-Apr-13
VLSL4236A VISHAY-VLSL4236A_V01 Datasheet
243Kb / 9P
High Brightness LED Power Module
13-Apr-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com