Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS04D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FS04D
Description  SURFACE MOUNT SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS04D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FS04D Datasheet HTML 1Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 2Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 3Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 4Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Jun - 02
FS04...D
SURFACE MOUNT SCR
PACKAGE MECHANICAL DATA
DPAK TO 252-AA
A
A1
b
c
c1
c2
D
D1
E
E1
e
H
L
L1
L2
L3
L4
REF.
DIMENSIONS
Milimeters
Min.
Nominal
Max.
2.18
0
0.64
0.46
0.46
5.97
5.21
6.35
5.20
9.40
1.40
2.55
0.46
0.89
0.64
2.3±0.18
0.12
0.75±0.1
0.8±0.013
6.1±0.1
6.58±0.14
5.36±0.1
2.28BSC
9.90±0.15
2.6±0.05
0.5±0.013
1.20±0.05
0.83±0.1
2.39
0.127
0.89
0.61
0.56
6.22
5.52
6.73
5.46
10.41
1.78
2.74
0.58
1.27
1.02
Marking: type number
Weight: 0.2 g
±2º
E
L3
D
b
e
4.57 Typ.
ø1x0.15
H
1.6
L4
A
c2
±2º
±2º
±2º
±2º
L
L2
A1
1.067±0.013
E1
D1
FOOT PRINT
6.7
6.7
3
1.6
2.3
2.3
1.6
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com