Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS116L Datasheet(PDF) 3 Page - ON Semiconductor

Part # BAS116L
Description  Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS116L Datasheet(HTML) 3 Page - ON Semiconductor

  BAS116L Datasheet HTML 1Page - ON Semiconductor BAS116L Datasheet HTML 2Page - ON Semiconductor BAS116L Datasheet HTML 3Page - ON Semiconductor BAS116L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS116L
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 2. Forward Voltage
Figure 3. Leakage Current
VF, FORWARD VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
1.2
1.0
0.8
0.6
0.4
0.2
0
0.1
1
10
100
1,000
70
60
50
40
30
20
10
0
0.01
0.1
1.0
10
100
150
°C
−55
°C
25
°C
80
TA = 150°C
Figure 4. Capacitance
VR, REVERSE VOLTAGE (V)
70
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
80
TA = 25°C
−55
°C
25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com