Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9023 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # GS9023
Description  Embedded Audio CODEC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS9023 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GS9023 Datasheet HTML 17Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 18Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 19Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 20Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 21Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 22Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 23Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 24Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
GENNUM CORPORATION
522 - 45 - 05
21
Control Code Output
In the non-AES/EBU output formats, the V, U and C bits are
output separately from the audio data stream. The bits are
output respectively to the VFLA/B, UDA/B and CSA/B pins
according to the channel pair to which they belong and
change state on the rising edge of WCOUT. The SAFA/B
output pins are set to HIGH for one audio frame out of 192
frames to mark the start of a block. In the AES/EBU audio
output format, the respective pins are not used.
Detection of Audio Packets
The GS9023 can demultiplex up to four audio channels of
an audio group. The audio group (Audio packet data ID) for
each device is configured in “AD20ID[3:0]” of Host
Interface Register #3h. When the corresponding audio
packets are found on the active video line, the GS9023 sets
the
respective
“CHACT(4-1)”
bits
of
Host
Interface
Register #1h. If no corresponding audio packets are found
on the active video line, the “CHACT(4-1)” bits are set LOW.
By connecting four GS9023 devices in parallel, it is
possible to demultiplex up to 16 audio channels in a
component video signal as shown in Figure 19. On power
up, audio group 1 is selected by default.
Detection of Extended Audio Packets
The GS9023 can demultiplex 20 or 24 bit audio samples.
For 24 bit audio samples, the 20 MSBs of a 24 bit audio
sample are contained in the audio data packets and the 4
LSBs are contained in an extended audio data packet as
defined in SMPTE 272. The audio group (Extended packet
data ID) for each device is configured in “AD4ID[3:0]” of
Host Interface Register #3h. When the corresponding
extended audio packets are detected on the active video
stream, the GS9023 sets the AUXEN pin and the “A4ON” bit
of Host Interface Register #1h to HIGH. If no corresponding
extended audio packets are found on the active video line,
the AUXEN pin and “A4ON” bit are set to LOW. On power
up, audio group 1 extended audio packets are selected by
default.
Detection of Audio Control Packets
The audio group (Audio control packet data ID) for each
device is configured in “ACID[3:0]” of Host Interface
Register #4h. When the configured ID is detected on the
designated video lines (
see Table 6), the “ACON” bit of
Host Interface Register #1h is set. The corresponding Audio
control
parameters
are
stored
in
Host
Interface
Registers #Ah, #Bh, #Ch and #Dh. If an audio control
packet is not detected or found in non-designated video
lines, “ACON” is set to LOW. However, the information in the
audio control packets found in non-designated lines is
considered valid and is stored in Host Interface Registers
#Ah, #Bh, #Ch and #Dh. On power up, audio group 1 audio
control packets are selected by default.
Detection and Output of Arbitrary Data Packets
The GS9023 is capable of demultiplexing arbitrary data
packets according to SMPTE 291M. There are no limitations
on the number of packets that can be demultiplexed and
the packets can be located outside of the vertical blanking
interval (VBI).
The arbitrary data packet data ID is configured in
PKTID[7:0] of Host Interface Register #5h. When the
configured ID is detected in the active video or HANC area,
data on the PKT[8:0] pins is clocked out on the rising edge
of PCLK. The GS9023 sets the PKTEN output pin HIGH,
when the data at the PKT[8:0] outputs is valid. PKTEN is set
LOW when the last user data word (UDW) is output from
PKT[8:0]. Figure 13 shows the output timing.
Fig. 13: Arbitrary Data Output Timing Diagram
Error Detection
The GS9023 provides error status information in Host
Interface Registers #7h, #8h and #9h as described in Table
15. Register #7 contains error information on audio
sampling and CRC conditions. Register #8 contains error
information on audio packet data block number and data
count. Register #9 contains error information on Control
packets. Errors are cleared when the respective Host
Interface Register is read.
PCLK (I)
PKTEN (O)
PKT[8:0] (O)
Valid data
NOTE: 1 - The ancillary data flag, ADF, is one word in composite systems (ANSI/SMPTE 259M)
and three words in component systems (ANSI/SMPTE 125M).
1 clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com