Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VY1
Description  Singlelayer AC disc safety capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1 Datasheet(HTML) 2 Page - Vishay Siliconix

  VY1 Datasheet HTML 1Page - Vishay Siliconix VY1 Datasheet HTML 2Page - Vishay Siliconix VY1 Datasheet HTML 3Page - Vishay Siliconix VY1 Datasheet HTML 4Page - Vishay Siliconix VY1 Datasheet HTML 5Page - Vishay Siliconix VY1 Datasheet HTML 6Page - Vishay Siliconix VY1 Datasheet HTML 7Page - Vishay Siliconix VY1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 16-Jan-17
2
Document Number: 28537
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Straight leads available on request
• Coating extension DR valid for straight leads only
(1) ± 10 % available on request
DIMENSIONS in millimeters
TECHNICAL DATA
CAPACITANCE
C (pF)
CAPACITANCE
TOLERANCE
(%)
BODY
DIAMETER
Dmax. (mm)
BODY
THICKNESS
Tmax. (mm)
LEAD SPACING
F (mm) ± 1 mm
PART NUMBER
MISSING DIGITS SEE
ORDERING CODE BELOW
U2J (N750)
10
± 10
8.0
5.0
10.0 or 12.5
VY1100K31U2JQ6###
15
VY1150K31U2JQ6###
22
VY1220K31U2JQ6###
Y5S (2C3)
33
± 10
8.0
5.0
10.0 or 12.5
VY1330K31Y5SQ6###
47
VY1470K31Y5SQ6###
68
VY1680K31Y5SQ6###
100
VY1101K31Y5SQ6###
150
VY1151K31Y5SQ6###
220
VY1221K31Y5SQ6###
330
VY1331K31Y5SQ6###
Y5U (2E3)
470
± 20 (1)
8.0
5.0
10.0 or 12.5
VY1471#31Y5UQ6###
680
VY1681#31Y5UQ6###
1000
9.0
VY1102#35Y5UQ6###
1500
10.5
VY1152#41Y5UQ6###
2200
12.0
VY1222#47Y5UQ6###
3300
15.0
VY1332#59Y5UQ6###
3900
15.5
VY1392#61Y5UQ6###
4700
16.0
VY1472#63Y5UQ6###
Y5V (2F3) MINI SIZE SERIES
1000
± 20
7.5
5.5
10.0 or 12.5
VY1102M29Y5VQ6###
1500
8.5
VY1152M33Y5VQ6###
2200
9.5
VY1222M37Y5VQ6###
3300
11.0
VY1332M43Y5VQ6###
3900
12.0
VY1392M47Y5VQ6###
4700
13.0
VY1472M51Y5VQ6###
SH = 4.0 max.
L = 30.0 ± 5.0
T
max.
D
max.
F
Ø 0.6 ± 0.05
e = 3.0 max.
Capacitors with 10.0 mm or 12.5 mm lead spacing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com