Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY1COMPACT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VY1COMPACT
Description  Singlelayer AC disc safety capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1COMPACT Datasheet(HTML) 5 Page - Vishay Siliconix

  VY1COMPACT Datasheet HTML 1Page - Vishay Siliconix VY1COMPACT Datasheet HTML 2Page - Vishay Siliconix VY1COMPACT Datasheet HTML 3Page - Vishay Siliconix VY1COMPACT Datasheet HTML 4Page - Vishay Siliconix VY1COMPACT Datasheet HTML 5Page - Vishay Siliconix VY1COMPACT Datasheet HTML 6Page - Vishay Siliconix VY1COMPACT Datasheet HTML 7Page - Vishay Siliconix VY1COMPACT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VY1 Compact Series
www.vishay.com
Vishay BCcomponents
Revision: 16-Jan-17
5
Document Number: 28555
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPROVALS
IEC 60384-14.4 - Safety tests
This approval together with CB test certificate substitutes all national approvals.
CB Certificate
Y1-capacitor: CB test certificate:
US-26561-UL
470 pF to 4.7 nF
500 VAC
X1-capacitor: CB test certificate:
US-26561-UL
470 pF to 4.7 nF
760 VAC
VDE
Y1-capacitor: VDE marks approval:
40012673
470 pF to 4.7 nF
500 VAC
X1-capacitor: VDE marks approval:
40012673
470 pF to 4.7 nF
760 VAC
DIN EN 60384-14 VDE 0565-1-1:2006-04 - Safety tests
Underwriters Laboratories Inc./Canadian Standards Association
Y1-capacitor: CSA test certificate:
E183844
470 pF to 4.7 nF
500 VAC
X1-capacitor: CSA test certificate:
E183844
470 pF to 4.7 nF
760 VAC
UL 60384-14, CSA E60384-1:03, CSA E60384-14:09
Fixed capacitors for electromagnetic interference suppression and connection to the supply mains.
CQC
Y1-capacitor: CQC test certificate:
CQC05001015032
470 pF to 4.7 nF
500 VAC
X1-capacitor: CQC test certificate:
CQC05001015032
470 pF to 4.7 nF
760 VAC
MARKING
VY1 472 M
Y1 500 ~
X1 760 ~
xxxx
10
4 digit date code
(year/week; add suffix “C” for compact series)
Sample
(2 sides)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com