Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC02-GA Datasheet(PDF) 3 Page - Recom International Power

Part # RAC02-GA
Description  1W PCB Mount Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-GA Datasheet(HTML) 3 Page - Recom International Power

  RAC02-GA Datasheet HTML 1Page - Recom International Power RAC02-GA Datasheet HTML 2Page - Recom International Power RAC02-GA Datasheet HTML 3Page - Recom International Power RAC02-GA Datasheet HTML 4Page - Recom International Power RAC02-GA Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
-25°C to + 70°C
Maximum Case Temperature
+120°C
Temperature Coefficient
±0.03%/°C
Operating Humidity
non-condensing
5% - 90% RH
Operating Altitude (5)
4000m
Pollution Degree
PD2
Vibration
10-150Hz, 2G 10min./1cycle, period 60min. each along x,y,z axes
Shock
20G/11ms pulse, 3 times at each x, y, z axes
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+70°C
1691 x 103 hours
424 x 103 hours
PA-3
REV.: 0/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
RAC02-GA
Series
100
120
80
60
50
40
20
0
0
60 70
40
20
-20
-25
100
80
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)
U
L N
Notes:
Note3: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note4: For operation at 230VAC, an external MOV is recommended. The Varistor should comply with IEC-61051-2. e.g. EPCOS S14 series
Notes:
Note5: Recognized by UL for safe operation up to 4000m. High altitude operation may impact the performance and lifetime.
Contact RECOM tech support for advice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com