Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV393MM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV393MM
Description  General Purpose, Low Voltage, TinyPack Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV393MM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV393MM Datasheet HTML 5Page - National Semiconductor (TI) LMV393MM Datasheet HTML 6Page - National Semiconductor (TI) LMV393MM Datasheet HTML 7Page - National Semiconductor (TI) LMV393MM Datasheet HTML 8Page - National Semiconductor (TI) LMV393MM Datasheet HTML 9Page - National Semiconductor (TI) LMV393MM Datasheet HTML 10Page - National Semiconductor (TI) LMV393MM Datasheet HTML 11Page - National Semiconductor (TI) LMV393MM Datasheet HTML 12Page - National Semiconductor (TI) LMV393MM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Application Circuits (Continued)
Square Wave Oscillator
Comparators are ideal for oscillator applications. This square
wave generator uses the minimum number of components.
The output frequency is set by the RC time constant of the
capacitor C
1 and the resistor in the negative feedback R4.
The maximum frequency is limited only by the large signal
propagation delay of the comparator in addition to any ca-
pacitive loading at the output, which would degrade the out-
put slew rate.
To analyze the circuit, assume that the output is initially high.
For this to be true, the voltage at the inverting input V
c has to
be less than the voltage at the non-inverting input V
a. For Vc
to be low, the capacitor C
1 has to be discharged and will
charge up through the negative feedback resistor R
4. When
it has charged up to value equal to the voltage at the positive
input V
a1, the comparator output will switch.
V
a1 will be given by:
If:
R
1 = R2 = R3
Then:
V
a1 = 2Vcc/3
When the output switches to ground, the value of V
a is re-
duced by the hysteresis network to a value given by:
V
a2 = Vcc/3
Capacitor C
1
must now discharge through R
4
towards
ground. The output will return to its high state when the volt-
age across the capacitor has discharged to a value equal to
V
a2.
For the circuit shown, the period for one cycle of oscillation
will be twice the time it takes for a single RC circuit to charge
up to one half of its final value. The time to charge the ca-
pacitor can be calculated from
Where V
max is the max applied potential across the capaci-
tor = (2V
cc/3)
and V
C = Vmax/2 = VCC/3
One period will be given by:
1/freq = 2t
or calculating the exponential gives:
1/freq = 2(0.694) R
4 C1
Resistors R
3 and R4 must be at least two times larger than
R
5 to insure that Vo will go all the way up to Vcc in the high
state. The frequency stability of this circuit should strictly be
a function of the external components.
Free Running Multivibrator
A simple yet very stable oscillator that generates a clock for
slower digital systems can be obtained by using a resonator
as the feedback element. It is similar to the free running mul-
tivibrator, except that the positive feedback is obtained
through a quartz crystal. The circuit oscillates when the
transmission through the crystal is at a maximum, so the
crystal in its series-resonant mode.
The value of R
1 and R2 are equal so that the comparator will
switch symmetrically about +V
cc/2. The RC constant of R3
and C
1 is set to be several times greater than the period of
the oscillating frequency, insuring a 50% duty cycle by main-
taining a DC voltage at the inverting input equal to the abso-
lute average of the output waveform.
When specifying the crystal, be sure to order series resonant
with the desired temperature coefficient
DS100080-8
DS100080-24
FIGURE 5. Squarewave Oscillator
DS100080-7
FIGURE 6. Crystal controlled Oscillator
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com