Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV722MMX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV722MMX
Description  10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV722MMX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV722MMX Datasheet HTML 6Page - National Semiconductor (TI) LMV722MMX Datasheet HTML 7Page - National Semiconductor (TI) LMV722MMX Datasheet HTML 8Page - National Semiconductor (TI) LMV722MMX Datasheet HTML 9Page - National Semiconductor (TI) LMV722MMX Datasheet HTML 10Page - National Semiconductor (TI) LMV722MMX Datasheet HTML 11Page - National Semiconductor (TI) LMV722MMX Datasheet HTML 12Page - National Semiconductor (TI) LMV722MMX Datasheet HTML 13Page - National Semiconductor (TI) LMV722MMX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Notes (Continued)
4.3 Single-Supply Inverting Amplifier
There may be cases where the input signal going into the
amplifier is negative. Because the amplifier is operating in
single supply voltage, a voltage divider using R
3 and R4 is
implemented to bias the amplifier so the input signal is within
the input common-common voltage range of the amplifier.
The capacitor C
1 is placed between the inverting input and
resistor R
1 to block the DC signal going into the AC signal
source, V
IN. The values of R1 and C1 affect the cutoff fre-
quency, fc = 1⁄2
π R
1C1.
As a result, the output signal is centered around mid-supply
(if the voltage divider provides V
+/2 at the non-inverting in-
put). The output can swing to both rails, maximizing the
signal-to-noise ratio in a low voltage system.
4.4 Active Filter
4.4.1 Simple Low-Pass Active Filter
The simple low-pass filter is shown in
Figure 9. Its low-pass
frequency gain (
ω → o) is defined by −R
3/R1. This allows
low-frequency gains other than unity to be obtained. The fil-
ter has a −20dB/decade roll-off after its corner frequency fc.
R
2 should be chosen equal to the parallel combination of R1
and R
3 to minimize error due to bais current. The frequency
response of the filter is shown in
Figure 10.
Note that the single-op-amp active filters are used in to the
applications that require low quality factor, Q(
≤ 10), low fre-
quency (
≤ 5KHz), and low gain (≤ 10), or a small value for the
product of gain times Q(
≤ 100). The op amp should have an
open loop voltage gain at the highest frequency of interest at
least 50 times larger than the gain of the filter at this fre-
quency. In addition, the selected op amp should have a slew
rate that meets the following requirement:
Slew Rate
≥ 0.5x(ω
H VOPP)X10
−6V/µsec
Where
ω
H is the highest frequency of interest, and VOPP is
the output peak-to-peak voltage.
DS100922-22
FIGURE 7. Two-op-amp Instrumentation Amplifier
DS100922-23
FIGURE 8. Single-Supply Inverting Amplifier
DS100922-24
FIGURE 9. Simple Low-Pass Active Filter
DS100922-25
FIGURE 10. Frequency Response of Simple Low-pass
Active Filter in
Figure 9
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com