Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2010S Datasheet(PDF) 8 Page - International Rectifier

Part # IR2010S
Description  HIGH AND LOW SIDE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2010S Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2010S Datasheet HTML 4Page - International Rectifier IR2010S Datasheet HTML 5Page - International Rectifier IR2010S Datasheet HTML 6Page - International Rectifier IR2010S Datasheet HTML 7Page - International Rectifier IR2010S Datasheet HTML 8Page - International Rectifier IR2010S Datasheet HTML 9Page - International Rectifier IR2010S Datasheet HTML 10Page - International Rectifier IR2010S Datasheet HTML 11Page - International Rectifier IR2010S Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
www.irf.com
IR2010(S) & (PbF)
Figure 11B. Turn-Off Fall Time
vs. VBIAS (VCC=VBS=VDD) Voltage
Figure 12B. Logic “1” Input Threshold vs. VDD Voltage
Figure 12A. Logic “1” Input Threshold vs. Temperature
Figure 13A. Logic “0” Input Threshold vs. Temperature
Figure 13B. Logic “0” Input Threshold vs. VDD Voltage
Figure 14A. High Level Output vs. Temperature
0
3
6
9
12
15
-50
-25
0
25
50
75
100
125
Temperature (C)
max
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature (C)
max
0
10
20
30
40
10
12
14
16
18
20
VBIAS Supply Voltage (V)
max
typ
0
3
6
9
12
15
-50
-25
0
25
50
75
100
125
Temperature (C)
min
0
3
6
9
12
15
0
2
4
6
8
1012
1416
1820
VDD Logic Supply Voltage (V)
min
0
3
6
9
12
15
02
46
8
10
12
14
16
18
20
VDD Logic Supply Voltage (V)
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com