Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA.26A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # PA.26A
Description  Compact High Efficiency Antenna
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.26A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  PA.26A Datasheet HTML 1Page - Taoglas antenna solutions PA.26A Datasheet HTML 2Page - Taoglas antenna solutions PA.26A Datasheet HTML 3Page - Taoglas antenna solutions PA.26A Datasheet HTML 4Page - Taoglas antenna solutions PA.26A Datasheet HTML 5Page - Taoglas antenna solutions PA.26A Datasheet HTML 6Page - Taoglas antenna solutions PA.26A Datasheet HTML 7Page - Taoglas antenna solutions PA.26A Datasheet HTML 8Page - Taoglas antenna solutions PA.26A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SPE-16-8-062/B/WY
Page 1 of 22
SPECIFICATION
Part No.
:
PA.26A
Product
Name
:
Anam LTE Ceramic SMT Antenna
For 4G/3G/2G Applications
698MHz to 960MHz, 1710MHz to 2690MHz
Features
:
LTE / GSM / CDMA /DCS /PCS / WCDMA /
UMTS / HSDPA / GPRS / EDGE /IMT,
Compact High Efficiency Antenna
Patent Pending
Surface Mount Device
Dims: 35*5*6mm
RoHS Compliant


Similar Part No. - PA.26A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PA.22A TAOGLAS-PA.22A Datasheet
1Mb / 24P
RoHS Compliant
PA.22A TAOGLAS-PA.22A Datasheet
1Mb / 19P
TRI-BAND CELLULAR DIELECTRIC PIFA ANTENNA
PA.22A TAOGLAS-PA.22A_17 Datasheet
1Mb / 19P
TRI-BAND CELLULAR DIELECTRIC PIFA ANTENNA
PA.25-ANAM TAOGLAS-PA.25-ANAM Datasheet
1Mb / 20P
High Efficiency Multi-Band SMD Antenna
PA.25A TAOGLAS-PA.25A Datasheet
1Mb / 20P
High Efficiency Multi-Band SMD Antenna
More results

Similar Description - PA.26A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PA.700.J TAOGLAS-PA.700.J Datasheet
1Mb / 17P
High efficiency wide-band antenna
PA.710.A1 TAOGLAS-PA.710.A1 Datasheet
2Mb / 18P
High efficiency Wide-Band Antenna
PA.711.A TAOGLAS-PA.711.A Datasheet
1Mb / 40P
High Efficiency Wide-Band Antenna
PC.30.07.0100A TAOGLAS-PC.30.07.0100A Datasheet
336Kb / 7P
High antenna RF efficiency
PC.30.09.0100A TAOGLAS-PC.30.09.0100A Datasheet
322Kb / 7P
High antenna RF efficiency
PA.710.A TAOGLAS-PA.710.A Datasheet
1Mb / 17P
High efficiency wide-band antenna
FW.80.SMA.M TAOGLAS-FW.80.SMA.M Datasheet
471Kb / 7P
High Efficiency Outdoor Antenna
ISPC.86A.09.0092E TAOGLAS-ISPC.86A.09.0092E Datasheet
945Kb / 17P
High antenna efficiency
ISPC.91A.09.0092E TAOGLAS-ISPC.91A.09.0092E Datasheet
1Mb / 18P
High antenna efficiency
PC31.07.0050A TAOGLAS-PC31.07.0050A Datasheet
429Kb / 7P
High Efficiency FR4 Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com