Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA.710.A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PA.710.A
Description  High efficiency wide-band antenna
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.710.A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PA.710.A Datasheet HTML 1Page - Taoglas antenna solutions PA.710.A Datasheet HTML 2Page - Taoglas antenna solutions PA.710.A Datasheet HTML 3Page - Taoglas antenna solutions PA.710.A Datasheet HTML 4Page - Taoglas antenna solutions PA.710.A Datasheet HTML 5Page - Taoglas antenna solutions PA.710.A Datasheet HTML 6Page - Taoglas antenna solutions PA.710.A Datasheet HTML 7Page - Taoglas antenna solutions PA.710.A Datasheet HTML 8Page - Taoglas antenna solutions PA.710.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SPE-12-8-126/C/EZ
Page 2 of 17
1. INTRODUCTION
The Warrior, the revolutionary patent pending PA.710A is a 2G/3G/4G, High Efficiency SMT Ceramic antenna, operating
at 698MHz to 960MHz and 1710MHz to 2690MHz. It uses high grade custom ceramic material and new design
techniques to deliver the highest efficiencies on all bands when mounted on the device’s main PCB. The exceptional
wide-band response means it is the ideal antenna for all LTE applications that also need high efficiency and backward
compatibility for 2G and 3G globally on all lower and upper bands. The PA.710A is delivered on tape and reel and
mounted securely during the device PCB reflow process.
1.1 Key Advantages
1. Highest efficiency in a small size, i.e. 40mm*6mm*5mm. A comparative antenna, for
example metal/FR4/FPC/whip/rod/helix, would have much reduced efficiency in this
configuration due to their different dielectric constants. Very high efficiency antennas are critical
to 3G and 4G devices ability to deliver the stated data-speed rates of systems such as HSPA and
LTE.
2. More resistant to detuning compared to other antenna integrations. If tuning is
required it can be tuned for the device environment using a matching circuit, or other techniques
on the main PCB itself. There is no need for new tooling, thereby saving money if customization
is required.
3. Highly reliable and robust– its predecessors the PA.25A and PA700A antennas are used by
the world’s leading automotive makers in extremely challenging environments. The antenna
meets all temperature and mechanical specs required (vibration, drop tests etc)
4. Easy to integrate. Other antenna designs come in irregular shapes and sizes making them
more difficult to integrate.
5. Surface Mount Technology (Directly On-Board) antenna saves on labor, cable and
connector costs, leads to higher integration yield rates, and reduces losses in transmission.
6. Minimum Transmission and Reception Losses - these are kept to absolute minimum
resulting in much improved OTA (over the air), i.e. TRP (Total Radiated Power)/TIS (Total
Isotropic Radiation), device performance compared to similar efficiency cable and connector
antenna solutions. This means it is an ideal antenna to be used for devices that need to pass for
example USA carrier network approvals
7. RSE Reductions – will help to eliminate radiated spurious emission failures compared to
other antenna technologies as the required layout for the antenna can deliver natural isolation
between the onboard noise and the antenna itself. Also the antenna can be matched better to
the system with the matching circuit function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com