Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV931 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV931
Description  1.8V, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV931 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV931 Datasheet HTML 1Page - National Semiconductor (TI) LMV931 Datasheet HTML 2Page - National Semiconductor (TI) LMV931 Datasheet HTML 3Page - National Semiconductor (TI) LMV931 Datasheet HTML 4Page - National Semiconductor (TI) LMV931 Datasheet HTML 5Page - National Semiconductor (TI) LMV931 Datasheet HTML 6Page - National Semiconductor (TI) LMV931 Datasheet HTML 7Page - National Semiconductor (TI) LMV931 Datasheet HTML 8Page - National Semiconductor (TI) LMV931 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Machine Model
200V
Human Body Model
2000V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V
+–V −)
5.5V
Output Short Circuit to V
+ (Note 3)
Output Short Circuit to V
− (Note 3)
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 4)
150˚C
Mounting Temp.
Infrared or Convection (20 sec)
235˚C
Operating Ratings (Note 1)
Supply Voltage Range
1.8V to 5.0V
Temperature Range
−40˚C to 125˚C
Thermal Resistance (
θ
JA)
SC70-5
414˚C/W
SOT23-5
265˚C/W
MSOP-8
235˚C/W
SOIC-8
175˚C/W
TSSOP-14
155˚C/W
SOIC-14
127˚C/W
1.8V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 1.8V, V − = 0V, V
CM =V
+/2, V
O =V
+/2 and
R
L > 1M
Ω. Boldface limits apply at the temperature extremes. See (Note 10)
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
LMV931 (Single)
1
4
6
mV
LMV932 (Dual)
LMV934 (Quad)
1
5.5
7.5
mV
TCV
OS
Input Offset Voltage Average
Drift
5.5
µV/˚C
I
B
Input Bias Current
15
35
50
nA
I
OS
Input Offset Current
13
25
40
nA
I
S
Supply Current (per channel)
103
185
205
µA
CMRR
Common Mode Rejection
Ratio
LMV931, 0
≤ V
CM
≤ 0.6V
1.4V
≤ V
CM
≤ 1.8V (Note 8)
60
55
78
dB
LMV932 and LMV934
0
≤ V
CM
≤ 0.6V
1.4V
≤ V
CM
≤ 1.8V (Note 8)
55
50
76
−0.2V
≤ V
CM
≤ 0V
1.8V
≤ V
CM
≤ 2.0V
50
72
PSRR
Power Supply Rejection
Ratio
1.8V
≤ V+ ≤ 5V
75
70
100
dB
CMVR
Input Common-Mode Voltage
Range
For CMRR
Range
≥ 50dB
T
A = 25˚C
V
− −0.2
−0.2 to 2.1
V
+ +0.2
V
T
A −40˚C to
85˚C
V
−
V
+
T
A = 125˚C
V
− +0.2
V
+ −0.2
A
V
Large Signal Voltage Gain
LMV931 (Single)
R
L = 600
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
77
73
101
dB
R
L =2k
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
80
75
105
Large Signal Voltage Gain
LMV932 (Dual)
LMV934 (Quad)
R
L = 600
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
75
72
90
dB
R
L =2k
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
78
75
100
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com