Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV358
Description  General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV358 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV358 Datasheet HTML 1Page - National Semiconductor (TI) LMV358 Datasheet HTML 2Page - National Semiconductor (TI) LMV358 Datasheet HTML 3Page - National Semiconductor (TI) LMV358 Datasheet HTML 4Page - National Semiconductor (TI) LMV358 Datasheet HTML 5Page - National Semiconductor (TI) LMV358 Datasheet HTML 6Page - National Semiconductor (TI) LMV358 Datasheet HTML 7Page - National Semiconductor (TI) LMV358 Datasheet HTML 8Page - National Semiconductor (TI) LMV358 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = 2.0V, VO =V
+/2 and R
L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 6)
Limit
(Note 7)
Units
SR
Slew Rate
(Note 9)
1
V/µs
GBWP
Gain-Bandwidth Product
C
L = 200pF
1
MHz
Φ
m
Phase Margin
60
Deg
G
m
Gain Margin
10
dB
e
n
Input-Referred Voltage Noise
f = 1kHz
39
i
n
Input-Referred Current Noise
f = 1kHz
0.21
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 200pF.
Note 3: Shorting output to V+ will adversely affect reliability.
Note 4: Shorting output to V- will adversely affect reliability.
Note 5: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX)–TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 6: Typical values represent the most likely parametric norm.
Note 7: All limits are guaranteed by testing or statistical analysis.
Note 8: RL is connected to V
-. The output voltage is 0.5V ≤ VO ≤ 4.5V.
Note 9: Connected as voltage follower with 3V step input. Number specified is the slower of the positive and negative slew rates.
Note 10: All numbers are typical, and apply for packages soldered directly onto a PC board in still air.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com