Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV822M Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV822M
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV822M Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMV822M Datasheet HTML 11Page - National Semiconductor (TI) LMV822M Datasheet HTML 12Page - National Semiconductor (TI) LMV822M Datasheet HTML 13Page - National Semiconductor (TI) LMV822M Datasheet HTML 14Page - National Semiconductor (TI) LMV822M Datasheet HTML 15Page - National Semiconductor (TI) LMV822M Datasheet HTML 16Page - National Semiconductor (TI) LMV822M Datasheet HTML 17Page - National Semiconductor (TI) LMV822M Datasheet HTML 18Page - National Semiconductor (TI) LMV822M Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
2.5 Tri-level Voltage Detector
The tri-level voltage detector of
Figure 13 provides a type of
window comparator function. It detects three different input
voltage ranges: Min-range, Mid-range, and Max-range. The
output voltage (V
O)isatVCC for the Min-range. VO is
clamped at GND for the Mid-range. For the Max-range, V
O is
at V
ee. Figure 14 shows a VO vs. VI oscilloscope photo per
the circuit of
Figure 13.
Its operation is as follows: V
I deviating from GND, causes
the diode bridge to absorb I
IN to maintain a clamped condi-
tion (V
O= 0V). Eventually, IIN reaches the bias limit of the di-
ode bridge. When this limit is reached, the clamping effect
stops and the op amp responds open loop. The design equa-
tion directly preceding
Figure 14, shows how to determine
the clamping range. The equation solves for the input volt-
age band on each side GND. The mid-range is twice this
voltage band.
DS100128-89
DS100128-34
FIGURE 13. Tri-level Voltage Detector
OV
-VIN
+V
IN
OV
|
∆v
|
∆v
|
DS100128-35
FIGURE 14. X, Y Oscilloscope Trace showing V
OUT vs
V
IN per the Circuit of Figure 13
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com