Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3990MF-2.8 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3990MF-2.8
Description  150mA Linear Voltage Regulator for Digital Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3990MF-2.8 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP3990MF-2.8 Datasheet HTML 2Page - National Semiconductor (TI) LP3990MF-2.8 Datasheet HTML 3Page - National Semiconductor (TI) LP3990MF-2.8 Datasheet HTML 4Page - National Semiconductor (TI) LP3990MF-2.8 Datasheet HTML 5Page - National Semiconductor (TI) LP3990MF-2.8 Datasheet HTML 6Page - National Semiconductor (TI) LP3990MF-2.8 Datasheet HTML 7Page - National Semiconductor (TI) LP3990MF-2.8 Datasheet HTML 8Page - National Semiconductor (TI) LP3990MF-2.8 Datasheet HTML 9Page - National Semiconductor (TI) LP3990MF-2.8 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical Characteristics (Continued)
Unless otherwise noted, V
EN =950mV, VIN =VOUT + 1.0V, or 2.0V, whichever is higher. CIN = 1 µF, IOUT = 1 mA, COUT =0.47
µF. Typical values and limits appearing in normal type apply for T
J = 27˚C. Limits appearing in boldface type apply over the
full junction temperature range for operation, −40 to +125˚C. (Note 13)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
e
n
Output noise Voltage (Note 10)
BW = 10Hz to
100kHz,
V
OUT = 0.8
60
µV
RMS
V
OUT = 1.5
125
V
OUT = 3.3
180
T
SHUTDOWN
Thermal Shutdown
Temperature
155
˚C
Hysteresis
15
Enable Control Characteristics
I
EN
(Note 12)
Maximum Input Current at
V
EN Input
V
EN = 0.0V
0.001
0.1
µA
V
EN =6V
6
2.5
10
V
IL
Low Input Threshold
V
IN =2Vto6V
0.4
V
V
IH
High Input Threshold
V
IN =2Vto6V
0.95
V
Timing Characteristics
T
ON
Turn On Time (Note 10)
To 95% Level
V
IN(MIN) to 6.0V
V
OUT = 0.8
80
150
µs
V
OUT = 1.5
105
200
V
OUT = 3.3
175
250
Transient
Response
Line Transient Response |
δV
OUT|Trise =Tfall = 30µs (Note 10)
δV
IN = 600mV
8
16
mV
(pk - pk)
Load Transient Response
|
δV
OUT|
T
rise =Tfall = 1µs (Note 10)IOUT = 1mA
to 150mA
C
OUT = 1µF
55
80
mV
Note 1: Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the device is
guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All Voltages are with respect to the potential at the GND pin.
Note 3: For further information on these packages please refer to the following application notes;AN-1112 Micro SMD Package Wafer Level Chip Scale
Package,AN-1187 Leadless Leadframe Package.
Note 4: Internal thermal shutdown circuitry protects the device from permanent damage.
Note 5: The human body model is 100pF discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged directly into each
pin.
Note 6: The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125˚C), the maximum power
dissipation of the device in the application (PD(max)), and the junction to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA(max) =TJ(max-op) -(θJA xPD(max)).
Note 7: Dropout voltage is voltage difference between input and output at which the output voltage drops to 100mV below its nominal value. This parameter only
for output voltages above 2.0V.
Note 8: Junction to ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power dissipation is possible,
special care must be paid to thermal dissipation issues in board design.
Note 9: The device maintains the regulated output voltage without the load.
Note 10: This electrical specification is guaranteed by design.
Note 11: Short circuit current is measured with VOUT pulled to 0V and VIN worst case = 6.0V.
Note 12: Enable Pin has 1M
Ω typical, resistor connected to GND.
Note 13: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production at TJ = 25˚C or correlated using
Statistical Quality Control methods. Operation over the temperature specification is guaranteed by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
Note 14: VIN(MIN) =VOUT(NOM) + 0.5V, or 2.0V, whichever is higher.
Output Capacitor, Recommended Specifications
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
C
OUT
Output Capacitor
Capacitance
(Note 15)
-40˚C to +125˚C
1.0
0.68
µF
0˚C to +125˚C
0.47
0.33
ESR
5
500
m
Ω
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com