Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV922MM Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV922MM
Description  1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV922MM Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LMV922MM Datasheet HTML 16Page - National Semiconductor (TI) LMV922MM Datasheet HTML 17Page - National Semiconductor (TI) LMV922MM Datasheet HTML 18Page - National Semiconductor (TI) LMV922MM Datasheet HTML 19Page - National Semiconductor (TI) LMV922MM Datasheet HTML 20Page - National Semiconductor (TI) LMV922MM Datasheet HTML 21Page - National Semiconductor (TI) LMV922MM Datasheet HTML 22Page - National Semiconductor (TI) LMV922MM Datasheet HTML 23Page - National Semiconductor (TI) LMV922MM Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
SOT23–5 Tape Dimensions
8 mm
0.130
0.124
0.130
0.126
0.138 ±0.002
0.055 ±0.004
0.157
0.315 ±0.012
(3.3)
(3.15)
(3.3)
(3.2)
(3.5 ±0.05)
(1.4 ±0.11)
(4)
(8 ±0.3)
Tape Size
DIM A
DIM Ao
DIM B
DIM Bo
DIM F
DIM Ko
DIM P1
DIM W
DS100979-97
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com