Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV822MM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV822MM
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV822MM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMV822MM Datasheet HTML 10Page - National Semiconductor (TI) LMV822MM Datasheet HTML 11Page - National Semiconductor (TI) LMV822MM Datasheet HTML 12Page - National Semiconductor (TI) LMV822MM Datasheet HTML 13Page - National Semiconductor (TI) LMV822MM Datasheet HTML 14Page - National Semiconductor (TI) LMV822MM Datasheet HTML 15Page - National Semiconductor (TI) LMV822MM Datasheet HTML 16Page - National Semiconductor (TI) LMV822MM Datasheet HTML 17Page - National Semiconductor (TI) LMV822MM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
the pass band gain. Increasing R
4 by ten percent, increased
the gain by 0.4 dB, while increasing R
5 by ten percent, de-
creased the gain by 0.4 dB.
TABLE 1.
Component (LPF)
Sensitivity (LPF)
Component (HPF)
Sensitivity (HPF)
R
a
-1.2
C
a
-0.7
C
1
-0.1
R
b
-1.0
R
2
-1.1
R
1
+0.1
R
3
+0.7
C
2
-0.1
C
3
-1.5
R
3
+0.1
R
4
-0.6
R
4
-0.1
R
5
+0.6
R
5
+0.1
Active filters are also sensitive to an op amp’s parameters
-Gain and Bandwidth, in particular. The LMV822/24 provide
a large gain and wide bandwidth. And DAAFs make excel-
lent use of these feature specifications.
Single Amplifier versions require a large open-loop to
closed-loop gain ratio - approximately 50 to 1, at the Fc of
the filter response.
Figure 12 shows an impressive photo-
graph of a network analyzer measurement (hp3577A). The
measurement was taken from a 300kHz version of
Figure
10. At 300 kHz, the open-loop to closed-loop gain ratio @ Fc
is about 5 to 1. This is 10 times lower than the 50 to 1 “rule
of thumb” for Single Amplifier Active Filters.
In addition to performance, DAAFs are relatively easy to de-
sign and implement. The design equations for the low-pass
and high-pass DAAFs are shown below. The first two equa-
tion calculate the Fc and the circuit Quality Factor (Q) for the
LPF (
Figure 10). The second two equations calculate the Fc
and Q for the HPF (
Figure 11).
To simplify the design process, certain components are set
equal to each other. Refer to
Figure 10 and Figure 11. These
equal component values help to simplify the design equa-
tions as follows:
To illustrate the design process/implementation, a 3 kHz,
Butterworth response, low-pass filter DAAF (
Figure 10)is
designed as follows:
1. Choose C
1 =C3 =C=1nF
2. Choose R
4 =R5 =1kΩ
3. Calculate R
a and R2 for the desired Fc as follows:
4. Calculate R
3 for the desired Q. The desired Q for a Butter-
worth (Maximally Flat) response is 0.707 (45 degrees into
the s-plane). R
3 calculates as follows:
Notice that R
3 could also be calculated as 0.707 of Ra or R2.
The circuit was implemented and its cutoff frequency mea-
sured. The cutoff frequency measured at 2.92 kHz.
The circuit also showed good repeatability. Ten different
LMV822 samples were placed in the circuit. The correspond-
ing change in the cutoff frequency was less than a percent.
DS100128-92
FIGURE 12. 300 kHz, Low-Pass Filter, Butterworth
Response as Measured by the HP3577A Network
Analyzer
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com