Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP
Description  Low Current Seven Segment Displays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
HDSP Series
Low Current Seven Segment Displays
Data Sheet
HDSP-335x Series, HDSP-555x Series
HDSP-751x Series, HDSP-A10x Series
HDSP-A80x Series, HDSP-A90x Series
HDSP-E10x Series, HDSP-F10x Series
HDSP-G10x Series, HDSP-H10x Series
HDSP-K12x, K70x Series, HDSP-N10x Series
Description
These low current seven segment displays are designed
for applications requiring low power consumption.
They are tested and selected for their excellent low
current characteristics to ensure that the segments are
matched at low currents. Drive currents as low as 1
mA per segment are available.
Pin for pin equivalent displays are also available in a
standard current or high light ambient design. The
standard current displays are available in all colors and
are ideal for most applications. The high light ambient
displays are ideal for sunlight ambients or long string
lengths. For additional information see the 7.6 mm
Micro Bright Seven Segment Displays, 10 mm Seven
Segment Displays, 7.6 mm/10.9 mm Seven Segment
Displays, 14.2 mm Seven Segment Displays, 20 mm
Seven Segment Displays, or High Light Ambient Seven
Segment Displays data sheets.
Features
• Low Power Consumption
• Industry Standard Size
• Industry Standard Pinout
• Choice of Character Size
7.6 mm (0.30 in), 10 mm (0.40 in), 10.9 mm (0.43
in), 14.2 mm (0.56 in), 20 mm (0.80 in)
• Choice of Colors
AlGaAs Red, High Efficiency Red (HER), Yellow,
Green
• Excellent Appearance
Evenly Lighted Segments
±50° Viewing Angle
• Design Flexibility
Common Anode or Common Cathode
Single and Dual Digit
Left and Right Hand Decimal Points
±1. Overflow Character
• Categorized for Luminous Intensity
Yellow and Green Categorized for Color
Use of Like Categories Yields a Uniform Display
• Excellent for Long Digit String Multiplexing


Similar Part No. - HDSP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP HP-HDSP Datasheet
341Kb / 20P
Low Current Seven Segment Displays
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 HP-HDSP-0760 Datasheet
118Kb / 8P
Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760 Datasheet
148Kb / 9P
Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760 Datasheet
216Kb / 8P
Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-H103 HP-HDSP-H103 Datasheet
340Kb / 20P
Low Current Seven Segment Displays
HDSP HP-HDSP Datasheet
341Kb / 20P
Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
Low Current Seven Segment Displays
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
Low Current Seven Segment Displays
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
Low Current Seven Segment Displays
HDSP-E103 AVAGO-HDSP-E103 Datasheet
430Kb / 20P
Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
Low Current Seven Segment Displays
HDSP-F101 AVAGO-HDSP-F101 Datasheet
1Mb / 18P
Low Current Seven Segment Displays
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
Low Current Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com