Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV981MFX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981MFX
Description  1.8V, RRIO Operational Amplifiers with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981MFX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV981MFX Datasheet HTML 1Page - National Semiconductor (TI) LMV981MFX Datasheet HTML 2Page - National Semiconductor (TI) LMV981MFX Datasheet HTML 3Page - National Semiconductor (TI) LMV981MFX Datasheet HTML 4Page - National Semiconductor (TI) LMV981MFX Datasheet HTML 5Page - National Semiconductor (TI) LMV981MFX Datasheet HTML 6Page - National Semiconductor (TI) LMV981MFX Datasheet HTML 7Page - National Semiconductor (TI) LMV981MFX Datasheet HTML 8Page - National Semiconductor (TI) LMV981MFX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2.7V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V − = 0V, V
CM =V
+/2, V
O =V
+/2,
R
L > 1M
Ω and SHDN tied to V+. Boldface limits apply at the temperature extremes. See (Note 10).
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
SHDN
Turn-on Voltage to enable
part
1.9
V
Turn-off Voltage
0.8
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V − = 0V, V
CM = 1.0V, VO = 1.35V,
R
L > 1M
Ω and SHDN tied to V+. Boldface limits apply at the temperature extremes. See (Note 10).
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
SR
Slew Rate
(Note 7)
0.4
V/µs
GBW
Gain-Bandwidth Product
1.4
MHz
Φ
m
Phase Margin
70
deg
G
m
Gain Margin
7.5
dB
e
n
Input-Referred Voltage Noise
f = 1kHz, V
CM = 0.5V
57
i
n
Input-Referred Current Noise
f = 1kHz
0.082
THD
Total Harmonic Distortion
f = 1kHz, A
V =+1
R
L = 600k
Ω,V
IN =1VPP
0.022
%
Amp-to-Amp Isolation
(Note 9)
123
dB
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5V, V − = 0V, V
CM =V
+/2, V
O =V
+/2,
R
L > 1M
Ω and SHDN tied to V+. Boldface limits apply at the temperature extremes. See (Note 10).
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
LMV981 (Single)
1
4
6
mV
LMV982 (Dual)
1
5.5
7.5
TCV
OS
Input Offset Voltage Average
Drift
5.5
µV/˚C
I
B
Input Bias Current
14
35
50
nA
I
OS
Input Offset Current
9
25
40
nA
I
S
Supply Current (per Channel)
116
210
230
µA
In Shutdown
LMV981 (Single)
0.201
1
2
µA
LMV982 (Dual)
0.302
3.5
5
CMRR
Common Mode Rejection
Ratio
0
≤ V
CM
≤ 3.8V
4.6V
≤ V
CM
≤ 5.0V (Note 8)
60
55
86
dB
−0.2V
≤ V
CM
≤ 0V
5.0V
≤ V
CM
≤ 5.2V
50
78
PSRR
Power Supply Rejection
Ratio
1.8V
≤ V+ ≤ 5V
V
CM = 0.5V
75
70
100
dB
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com